Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHF+2812S Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MHF+2812S
Description  MHF Single, Dual and Triple DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF+2812S Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MHF+2812S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHF+2812S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF+2812S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF+2812S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF+2812S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHF+2812S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHF+2812S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHF+2812S Datasheet HTML 9Page - Crane Aerospace & Electronics. MHF+2812S Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MHF+ Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 6 of 20
Rev K - 20060613
Pin
Single Output
MHF+2828S
Dual Output
Triple Output
(Except MHF+2828S)
1
Inhibit
Inhibit
Inhibit
Inhibit
2
No connection
Positive Output
Positive Output
Main (+5 V) Output
3
Output Common
(See note 1, below)
Output Common
Output Common
4
Positive Output
Output Common
Negative Output
Pos. Aux. Output
5
Sync
Sync
Sync
Neg. Aux. Output
6
Case Ground
Case Ground
Case Ground
Case Ground
7
Input Common
Input Common
Input Common
Sync In
8
Positive Input
Positive Input
Positive Input
Input Common
9
Positive Input
www.craneae.com
28 VOLT INPUT – 15 WATT
1. Pin 3 of MHF+2828S will provide 14 Vout referenced to output common (pin 4).
FIGURE 3: MHF+ SINGLE AND DUAL PIN OUT
BOTTOM VIEW
MHF+ SINGLE AND DUAL
NON-FLANGED OR FLANGED
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
1
2345
87
6
See cases E1 and E2 for dimensions.
PIN OUT
PINS NOT IN USE
Inhibit single, dual and triple models, pin 1
Leave unconnected
MHF+2828S, pin 3
Leave unconnected
Sync single and dual models, pin 5
Connect to input common
Sync In triple models, pin 7
Leave unconnected
FIGURE 4: MHF+ TRIPLE PIN OUT
Dotted line outlines flanged package option.
1
2345
98
6
7
Squared corner and dot on top
of package indicate pin one.
BOTTOM VIEW
MHF+ Triple
See cases E2 and G2 for dimensions.


Similar Part No. - MHF+2812S

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF-10 ADAM-TECH-MHF-10 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-14 ADAM-TECH-MHF-14 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-16 ADAM-TECH-MHF-16 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-20 ADAM-TECH-MHF-20 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-24 ADAM-TECH-MHF-24 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF+2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com