Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHF2805S Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MHF2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF2805S Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MHF2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHF2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHF2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF2805S Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B8-10
CASE E
CASES
CASE E
BOTTOM VIEW
See Figures 16 – 18
for pin configurations.
Squared corner and dot on top
of case indicate pin one.
1.460 max
(37.08)
1.130 max
(28.70)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
(SMHF Series
Cold Rolled Steel/Nickel/Gold)
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
0.000
0.160
(4.06)
0.960
(24.38)
1
2345
0.030 dia.
(0.76)
87
6
MHF+ Series Single and Dual: Screening – Standard, ES, or 883
MHF Series and LIM5050 Module: Screening – Standard or ES
SMHF Series Single and Dual and SLIM5050 Module:
Screening – Space Standard, H, or K
HR120 Series: No screening options
BOTTOM VIEW CASE E1
Projection Weld
Seam Seal
Squared corner and dot on top
of case indicate pin one.
FIGURE 16: CASE E1
FIGURE 15: CASE E MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.


Similar Part No. - MHF2805S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHF2805S ETC1-MHF2805S Datasheet
149Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
MHF2805S INTERPOINT-MHF2805S Datasheet
1Mb / 23P
   Only 0.33 inches (8.38 mm) high in a hermetically sealed case
MHF2805S/883 INTERPOINT-MHF2805S/883 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHF2805SF/883 INTERPOINT-MHF2805SF/883 Datasheet
314Kb / 21P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHF2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com