Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFL283R3S Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MFL283R3S
Description  MFL Single and Dual DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFL283R3S Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MFL283R3S Datasheet HTML 2Page - Crane Aerospace & Electronics. MFL283R3S Datasheet HTML 3Page - Crane Aerospace & Electronics. MFL283R3S Datasheet HTML 4Page - Crane Aerospace & Electronics. MFL283R3S Datasheet HTML 5Page - Crane Aerospace & Electronics. MFL283R3S Datasheet HTML 6Page - Crane Aerospace & Electronics. MFL283R3S Datasheet HTML 7Page - Crane Aerospace & Electronics. MFL283R3S Datasheet HTML 8Page - Crane Aerospace & Electronics. MFL283R3S Datasheet HTML 9Page - Crane Aerospace & Electronics. MFL283R3S Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MFL Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 6 of 13
Rev D - 20060601
www.craneae.com
28 VOLT INPUT – 65 WATT
Electrical Characteristics: –55°C to +125° C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes
1. Guaranteed by design, not tested.
2. MFL283R3S current and power maximum are at 25°C only.
3. Unit will shut down above approximately 45V but will be undamaged and
will restart when voltage drops into normal range.
4. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
5. Transition time > 10 μs.
6. Tested on release from inhibit.
7. Shall not compromise DC performance
SINGLE OUTPUT MODELS
MFL283R3S
MFL2805S
MFL2812S
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
Tc = 25°C
3.26
3.3
3.34
4.95
5.00
5.05
11.88 12.00 12.12
VDC
OUTPUT CURRENT
VIN = 16 TO 40 VDC
0
— 12.122
0—
10
0
5
A
OUTPUT POWER
VIN = 16 TO 40 VDC
0
402
0
50
0
60
W
OUTPUT RIPPLE
Tc = 25°C
10
35
15
35
30
75
VOLTAGE 10 k - 2 MHz
Tc = –55°C to +125°C
10
50
30
50
45
100
mV p-p
LINE REGULATION
VIN = 16 to 40 VDC
0
20
0
20
0
20
mV
LOAD REGULATION
NO LOAD TO FULL
40
20
20
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT1, 3 50 ms
50
50
50
V
INPUT CURRENT
NO LOAD
70
100
70
120
50
100
mA
INHIBITED - INH1
9
14
9
14
9
14
mA
INHIBITED - INH2
35
70
35
70
35
70
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
15
50
15
50
15
50
mA pp
EFFICIENCY
Tc = 25°C
73
77
80
83
86
%
LOAD FAULT
POWER DISSIPATION
SHORT CIRCUIT
Tc = 25°C
12.5
20
12.5
16
10
14
W
RECOVERY1
1.5
4
1.5
4
1.5
4
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
200
400
250
350
450
600
mV pk
RECOVERY1, 4
1.5
3.0
1.5
3.0
1.5
3.0
ms
STEP LINE RESP.
16 – 40 – 16 VDC
TRANSIENT1, 5
250
300
250
300
250
400
mV pk
RECOVERY1, 4
200
600
200
300
200
300
μs
START-UP6
DELAY
3.5
6
3.5
6
3.5
6
ms
OVERSHOOT1
0
25
0
25
0
50
mV pk
COUT
Tc=25°C1, 7
1000
1000
1000
μF


Similar Part No. - MFL283R3S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
MFL283R3S/883 INTERPOINT-MFL283R3S/883 Datasheet
311Kb / 14P
   MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
MFL283R3S INTERPOINT-MFL283R3S_16 Datasheet
311Kb / 14P
   MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
More results

Similar Description - MFL283R3S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_16 Datasheet
311Kb / 14P
   MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com