Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-979 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-979
Description  Transformer Flyback
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-979 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-979 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
FSCM No.
16714
1
10
2
9
5
6
4
7
3
8
1 of 1
11/24/98
Transformer
Flyback
Parameter
Min.
Typ.
Max.
Units
Primary Inductance
129.6
µH
Pins 1-10, All others windings open
Isolation Voltage:
S1 + S2, to S5 + S3 to S4
600
VAC
(S1 + S2 + S5) to (S3 + S4)
1500
VAC
Resistance pins (1-10)
0.40
ohms
Resistance pins (2-9)
0.40
ohms
Resistance pins (4-7)
0.25
ohms
Resistance pins (5-6)
.017
ohms
Resistance pins (3-8)
0.15
ohms
Schematic Diagram
S1
S2
S5
S3
S4
8
7
6
.098
(2.5)
TYP.
.876
(22.25)
.045
(1.14)
TYP.
.088
(2.24)
TYP.
Suggested
Pad Layout
1
2
3
4
5
9
10
LEAD COPLANARITY: .005 ( .127 )
.320
(8.12)
MAX.
.630
(16.00)
MAX.
.098
(2.5)
.028
(0.7)
.016
(0.4)
.850 (21.6)
Dimensions in Inches ( mm )
.709 (18.0)
.650
(16.5)
Operating Temperature Range: -40 to +120oC
Windings:
S1 = 36 turns, 32 AWG
S2 = 36 turns, 32 AWG
S3 = 5 turns, Trifilar 30 AWG
S4 = 28 turns, 30 AWG
S5 = 8 turns, 32 AWG
Winding Sequence: S1, S2, S4, S3, S5
PAIRGAIN
640-1116-12
T-979


Similar Part No. - T-979

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-970 RHOMBUS-IND-T-970 Datasheet
35Kb / 1P
   WIDEBAND PULSE TRANSFORMER
T-971 RHOMBUS-IND-T-971 Datasheet
32Kb / 1P
   Pulse Transformers for Maxim "MAX253"||" "267870
8-bit HCS08 Central Processor Unit (CPU)
T-972 RHOMBUS-IND-T-972 Datasheet
32Kb / 1P
   Pulse Transformers for Maxim "MAX253"||" "267870
8-bit HCS08 Central Processor Unit (CPU)
T-972 RHOMBUS-IND-T-972 Datasheet
26Kb / 1P
   Pulse Transformer
T-973 RHOMBUS-IND-T-973 Datasheet
32Kb / 1P
   Pulse Transformers for Maxim "MAX253"||" "267870
8-bit HCS08 Central Processor Unit (CPU)
More results

Similar Description - T-979

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
FA2443-AL COILCRAFT-FA2443-AL Datasheet
134Kb / 1P
   Flyback Transformer
GA3502-BL COILCRAFT-GA3502-BL Datasheet
143Kb / 1P
   Flyback Transformer
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
   FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
   Flyback Transformer
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
A0009-AL COILCRAFT-A0009-AL Datasheet
149Kb / 1P
   Flyback Transformer
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
   Flyback Transformer
C1099-AL COILCRAFT-C1099-AL Datasheet
204Kb / 1P
   Flyback Transformer
CJ5143-AL COILCRAFT-CJ5143-AL Datasheet
176Kb / 1P
   Flyback Transformer
HA3905-CL COILCRAFT-HA3905-CL Datasheet
193Kb / 1P
   Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com