Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMSA-461 Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # FMSA-461
Description  EMI INPUT FILTER 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMSA-461 Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  FMSA-461 Datasheet HTML 1Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 2Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 3Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 4Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 5Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
TYPICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
Input Voltage
• 0 to 40 VDC continuous
• 80 V for 100 ms transient
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
2
FMSA EMI FILTER
0.8 AMP
Input Voltage Range
• 16 to 40 VDC continuous
Case Operating Temperature (Tc)
• –55°C to +125°C full power
Derating Input/Output Current
• Derate linearly from 100% at 100°C to 0.60
amps at 125°C case. Above 125°C derate to 0%.
®
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
Capacitance
• 0.045 µF max, any pin to case
Isolation
• 100 megohm minimum at 500 V
• Any pin to case, except case pin
2
F
6800 pF
500 V
6800 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMSA-461
>285
H
6
H
2
F
0.014
F / 500 V
20
20
0.65
6
H
0.014
F / 500 V
0.014
F / 500 V
x 2
x 2
FIGURE 1: SCHEMATIC – TYPICAL VALUES
FMSA-461
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
40
VDC
TRANSIENT, 100 ms
80
V
INPUT CURRENT
0.80
A
DIFFERENTIAL MODE
200 kHz
40
dB
NOISE REJECTION
500 kHZ TO 50 MHz
60
COMMON MODE
NOISE REJECTION
2 MHz - 50 MHz
40
dB
DC RESISTANCE (RDC)
TC = 25°C
1.2
OUTPUT VOLTAGE
STEADY STATE
VOUT = VIN - IIN (RDC)
VDC
OUTPUT CURRENT
STEADY STATE (<100°C CASE)
0.80
A
INTERNAL POWER
DISSIPATION
MAXIMUM CURRENT
0.96
W
The case ground connection between the filter and the converter should be as low an impedance as possible
to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.


Similar Part No. - FMSA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
FMSA-461/883 INTERPOINT-FMSA-461/883 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
FMSA-461/883 INTERPOINT-FMSA-461/883 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
More results

Similar Description - FMSA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMC-461 CRANE-FMC-461 Datasheet
122Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
SFME28-461 CRANE-SFME28-461 Datasheet
66Kb / 5P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 CRANE-FMH-461 Datasheet
312Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMGA-461 INTERPOINT-FMGA-461 Datasheet
185Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
logo
Crane Aerospace & Elect...
FMGA-461 CRANE-FMGA-461 Datasheet
186Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com