Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B110RLP Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # B110RLP
Description  Plug-in Detector Base
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B110RLP Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  B110RLP Datasheet HTML 1Page - Systemsensor advanced ideas. B110RLP Datasheet HTML 2Page - Systemsensor advanced ideas. B110RLP Datasheet HTML 3Page - Systemsensor advanced ideas. B110RLP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D150-04-00
4
I56-596-03R
© 2001 System Sensor
Three-Year Limited Warranty
System Sensor warrants its enclosed smoke detector base to be free from
defects in materials and workmanship under normal use and service for a
period of three years from date of manufacture. System Sensor makes no
other express warranty for this smoke detector base. No agent, represen-
tative, dealer, or employee of the Company has the authority to increase
or alter the obligations or limitations of this Warranty. The Company’s
obligation of this Warranty shall be limited to the repair or replacement of
any part of the smoke detector base which is found to be defective in
materials or workmanship under normal use and service during the three
year period commencing with the date of manufacture. After phoning
System Sensor’s toll free number 800-SENSOR2 (736-7672) for a Return
Authorization number, send defective units postage prepaid to: System
Sensor, Repair Department, RA #__________, 3825 Ohio Avenue, St.
Charles, IL 60174. Please include a note describing the malfunction and
suspected cause of failure. The Company shall not be obligated to repair
or replace units which are found to be defective because of damage,
unreasonable use, modifications, or alterations occurring after the date of
manufacture. In no case shall the Company be liable for any consequen-
tial or incidental damages for breach of this or any other Warranty,
expressed or implied whatsoever, even if the loss or damage is caused by
the Company’s negligence or fault. Some states do not allow the exclusion
or limitation of incidental or consequential damages, so the above limita-
tion or exclusion may not apply to you. This Warranty gives you specific
legal rights, and you may also have other rights which vary from state to
state.
Please refer to insert for the Limitations of Fire Alarm Systems


Similar Part No. - B110RLP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B110-DIN-01 TRIPPLITE-B110-DIN-01 Datasheet
174Kb / 2P
   DIN Rail-Mounting Bracket for Digital Signage, Version 1 - 41 mm mounting distance
B110-DIN-02 TRIPPLITE-B110-DIN-02 Datasheet
163Kb / 2P
   DIN Rail-Mounting Bracket for Digital Signage, Version 2 - 65 mm Mounting Distance
B110-SP-10G TRIPPLITE-B110-SP-10G Datasheet
45Kb / 4P
   In-Line Network Surge Protector - 10 Gbps, Cat6a/8, Metal Case, IEC Compliant, TAA
B110-SP-CAT TRIPPLITE-B110-SP-CAT Datasheet
167Kb / 3P
   In-Line Network Surge Protector for Digital Signage - HDBaseT/10G Cat5e/6, IEC Compliant, TAA
B110-SP-CAT-OD2 TRIPPLITE-B110-SP-CAT-OD2 Datasheet
168Kb / 4P
   Outdoor In-Line PoE Surge Protector - IP68 Rated, 1 Gbps, Cat5e/6, IEC Compliant, 110 Punch Down, TAA
More results

Similar Description - B110RLP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B114LP SYSTEMSENSOR-B114LP Datasheet
381Kb / 2P
   Plug-in Detector Base
B406B SYSTEMSENSOR-B406B Datasheet
62Kb / 4P
   Plug-in Detector Base
B112LP SYSTEMSENSOR-B112LP Datasheet
70Kb / 4P
   Plug-in Detector Base
B116LP SYSTEMSENSOR-B116LP Datasheet
62Kb / 4P
   Plug-in Detector Base
B110LP SYSTEMSENSOR-B110LP Datasheet
63Kb / 4P
   Plug-in Detector Base
1451A SYSTEMSENSOR-1451A Datasheet
207Kb / 4P
   Plug-in Smoke Detector
4451HT SYSTEMSENSOR-4451HT Datasheet
223Kb / 2P
   Plug-in 190째F Thermal Detector
logo
PHOENIX CONTACT
2970015 PHOENIX-2970015 Datasheet
69Kb / 4P
   Electronic board base, plug-in module base element
2970028 PHOENIX-2970028 Datasheet
69Kb / 4P
   Electronic board base, plug-in module base element
2971535 PHOENIX-2971535 Datasheet
69Kb / 4P
   Electronic board base, plug-in module base element
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com