Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B110LP Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # B110LP
Description  Plug-in Detector Base
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B110LP Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  B110LP Datasheet HTML 1Page - Systemsensor advanced ideas. B110LP Datasheet HTML 2Page - Systemsensor advanced ideas. B110LP Datasheet HTML 3Page - Systemsensor advanced ideas. B110LP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D150-05-00
2
I56-594-03R
Installation Guidelines
Allowable loop resistance is an important specification for
control panels as well as for smoke detectors and their
bases. The alarm system cannot be expected to operate cor-
rectly if system components have incompatible allowable
loop resistances.Therefore, before beginning installation,
refer to the control panel manufacturer’s loop resistance
specification to ensure that it is listed as compatible with
the System Sensor base and smoke detector being installed.
System Sensor smoke detectors and mounting bases are
marked with a compatibility identifier as the last digit of a
five-digit code stamped on the back of the product.
Connect detectors only to compatible control units as indi-
cated in System Sensor’s compatibility chart. This chart
consists of a current list of UL-listed control unit/detector
combinations and is available from System Sensor upon
request.
All wiring must be installed in compliance with the
National Electrical Code and all applicable local codes and
any special requirements of the authority having jurisdic-
tion, using the proper wire size. The conductors used to
connect smoke detectors to control panels and accessory
devices should be color-coded to reduce the likelihood of
wiring errors. Improper connections can prevent a system
from responding properly in the event of a fire.
For signal wiring (the wiring between interconnected
detectors), it is recommended that the wire be no smaller
than AWG 18. However, the screws and clamping plate in
the base can accommodate wire sizes up to AWG 12. The
use of twisted pair wiring for the power (+ and -) loop is
recommended to minimize the effects of electrical interfer-
ence.
NOTE: To ensure that electrical connections are super-
vised, do NOT loop wires under terminals 2, 3, and
5 - break the wire at each terminal.
To make electrical connections, strip approximately 3/8" (1
cm) insulation from the end of each wire. Slide the wires
under the clamp plate and tighten the terminal screw.
Check the zone wiring before installing the smoke detector
head. The built-in shorting spring makes it convenient to
do this. After the detector base is wired and attached to the
electrical box, position the shorting spring against terminal
3. Use the slot in the retaining clip to hold the spring
against the terminal, as shown in Figure 1. This shorts the
negative-in and negative-out leads so that loop wiring can
be tested for continuity.
The shorting spring in the base will disengage automatical-
ly when the detector head is removed from the base. DO
NOT remove the shorting spring since it reengages as the
detector head is turned into the base, completing the cir-
cuit.
Tamper-resistance Feature
NOTE: DO NOT use the tamper-resistance feature if the
System Sensor XR2 Removal Tool will be used to
remove detectors from the base.
This detector base can be made tamper resistant so that the
detector cannot be detached without the use of a tool. To
make the base tamper-resistant, break off the smaller tab at
the scribed line on the tamper-resistance tab, on the detec-
tor mounting bracket (see Figure 3A), before installing the
detector.
SNAP ON
DECORATIVE
RING
SCREWS (NOT
SUPPLIED)
DETECTOR
BASE
BOX (NOT
SUPPLIED)
SHORTING
SPRING
Figure 1. Mounting base to box:
A78-1175-01


Similar Part No. - B110LP

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
B110LP GAMEWELL-FCI-B110LP Datasheet
53Kb / 2P
   Ionization Detector
B110LP GAMEWELL-FCI-B110LP Datasheet
90Kb / 2P
   Photoelectronic detector
More results

Similar Description - B110LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B114LP SYSTEMSENSOR-B114LP Datasheet
381Kb / 2P
   Plug-in Detector Base
B406B SYSTEMSENSOR-B406B Datasheet
62Kb / 4P
   Plug-in Detector Base
B112LP SYSTEMSENSOR-B112LP Datasheet
70Kb / 4P
   Plug-in Detector Base
B116LP SYSTEMSENSOR-B116LP Datasheet
62Kb / 4P
   Plug-in Detector Base
B110RLP SYSTEMSENSOR-B110RLP Datasheet
67Kb / 4P
   Plug-in Detector Base
1451A SYSTEMSENSOR-1451A Datasheet
207Kb / 4P
   Plug-in Smoke Detector
4451HT SYSTEMSENSOR-4451HT Datasheet
223Kb / 2P
   Plug-in 190째F Thermal Detector
logo
PHOENIX CONTACT
2970015 PHOENIX-2970015 Datasheet
69Kb / 4P
   Electronic board base, plug-in module base element
2970028 PHOENIX-2970028 Datasheet
69Kb / 4P
   Electronic board base, plug-in module base element
2971535 PHOENIX-2971535 Datasheet
69Kb / 4P
   Electronic board base, plug-in module base element
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com