Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54ACT191 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54ACT191
Description  Presettable Synchronous 4-Bit Binary Up/Down Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54ACT191 Datasheet(HTML) 5 Page - Texas Instruments

  CD54ACT191 Datasheet HTML 1Page - Texas Instruments CD54ACT191 Datasheet HTML 2Page - Texas Instruments CD54ACT191 Datasheet HTML 3Page - Texas Instruments CD54ACT191 Datasheet HTML 4Page - Texas Instruments CD54ACT191 Datasheet HTML 5Page - Texas Instruments CD54ACT191 Datasheet HTML 6Page - Texas Instruments CD54ACT191 Datasheet HTML 7Page - Texas Instruments CD54ACT191 Datasheet HTML 8Page - Texas Instruments CD54ACT191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
AC TYPES
Max. Frequency
fMAX
(Note 10)
1.5
5.5
-
4.8
-
MHz
3.3
(Note 8)
49
-
43
-
MHz
5
(Note 9)
68
-
60
-
MHz
CP Pulse Width
tW
1.5
91
-
104
-
ns
3.3
10.5
-
11.6
-
ns
5
7.3
-
8.3
-
ns
PL Pulse Width
tW
1.5
66
-
75
-
ns
3.3
7.4
-
8.4
-
ns
5
5.3
-
6
-
ns
Recovery Time
tREC
1.5
71
-
81
-
ns
3.3
8
-
9.1
-
ns
5
5.7
-
6.5
-
ns
Set-Up Time, Pn to PL
tSU
1.5
44
-
50
-
ns
3.3
4.9
-
5.6
-
ns
5
3.5
-
4
-
ns
Set-Up Time, CE to CP
tSU
1.5
115
-
131
-
ns
3.3
12.9
-
14.7
-
ns
5
9.2
-
10.5
-
ns
Set-Up Time, U/D to CP
tSU
1.5
132
-
150
-
ns
3.3
14.7
-
16.8
-
ns
5
10.5
-
12
-
ns
Hold Time, Pn to PL
tH
1.5
22
-
25
-
ns
3.3
2.5
-
2.8
-
ns
52
-
2
-
ns
Hold Time, CE to CP
tH
1.5
0
-
0
-
ns
3.3
0
-
0
-
ns
50
-
0
-
ns
Hold Time, U/D to CP
tH
1.5
0
-
0
-
ns
3.3
0
-
0
-
ns
50
-
0
-
ns
ACT TYPES
Max. Frequency
fMAX
(Note 10)
5
(Note 9)
68
-
60
-
MHz
CP Pulse Width
tW
5
7.3
-
8.3
-
ns
PL Pulse Width
tW
5
5.3
-
6
-
ns
Recovery Time
tREC
5
5.7
-
6.5
-
ns
Set-Up Time, Pn to PL
tSU
5
3.5
-
4
-
ns
CD54AC191, CD54ACT191


Similar Part No. - CD54ACT191

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54ACT191 INTERSIL-CD54ACT191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
CD54ACT1913A INTERSIL-CD54ACT1913A Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
More results

Similar Description - CD54ACT191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com