Part Name
         Description
CD54AC161

 4-BIT SYNCHRONOUS BINARY COUNTERS ( 15 Page)


TI
100% 
Zoom Out Zoom In
 
 5 page
background image
CD54AC161, CD74AC161
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS239C – SEPTEMBER 1998 – REVISED MARCH 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
typical clear, preset, count, and inhibit sequence
The following sequence is illustrated below:
1.
Clear outputs to zero (asynchronous)
2.
Preset to binary 12
3.
Count to 13, 14, 15, 0, 1, and 2
4.
Inhibit
Data
Inputs
Data
Outputs
CLR
LOAD
A
B
C
D
CLK
ENP
ENT
RCO
QA
QB
QC
QD
Async
Clear
Preset
Count
Inhibit
12
13
14
15
0
1
2



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54HC1914-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
IDT54FCT163TFAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER 1 2 3 4 5 MoreIntegrated Device Technology
CD74AC2834-Bit Binary Fill Adder With Fast Carry 1 2 3 4 5 MoreTexas Instruments
SY10E0168-BIT SYNCHRONOUS BINARY UP COUNTER 1 2 3 4 5 MoreMicrel Semiconductor
SN54LV4040A12-BIT ASYNCHRONOUS BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
74VHC393Dual 4-Bit Binary Counter 1 2 3 4 5 MoreFairchild Semiconductor
SN74LV163A4BIT SYNCHRONOUS BINARY 1 2 3 4 5 MoreTexas Instruments
HM51W164004 194 304-word x 4-bit Dynamic RAM 1 2 3 4 5 MoreHitachi Semiconductor
NCP1570Low Voltage Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
IRDCIP1201-A300kHz Dual 15A 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201 1 2 3 4 5 MoreInternational Rectifier

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl