Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIBVEXP Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # PIBVEXP
Description  Explosion Proof Supervisory Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PIBVEXP Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  PIBVEXP Datasheet HTML 1Page - Systemsensor advanced ideas. PIBVEXP Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OSYEXP and PIBVEXP
Explosion Proof
Supervisory Switch
System Sensor’s OSYEXP and PIBVEXP explosion proof
supervisory switches are designed for hazardous
locations and to handle extreme conditions.
Features
Designed and approved to operate in hazardous locations
NEMA 1, 7 and 9 enclosure rating
Compact, rugged housing
Ample wiring space
Captured cover screws
Single conduit entrance
These units are ideal for installation in hazardous locations classified
as follows:
Class I, Groups C, D, Division 1 and 2
Class II, Groups E, F, G, Division 1 and 2
Intended Use. The OSYEXP is intended for use with outside screw
and yoke type valves, while the PIBVEXP monitors the open position
of post indicator and butterfly type valves.
Robust Construction. The OSYEXP and PIBVEXP switches
are contained in a compact and rugged NEMA 1, 7 and 9 rated
enclosure. The enclosure operates across a wide temperature range,
from –40°F to 160°F.
Simplified Operation. The OSYEXP and PIBVEXP covers are
secured with four captured screws to prevent screw misplacement
while the cover is removed. A single tapped conduit entrance and
ample wiring space provide quick and easy electrical connection.


Similar Part No. - PIBVEXP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PIBV2 SYSTEMSENSOR-PIBV2 Datasheet
154Kb / 2P
   Supervisory Switch
PIBV2A SYSTEMSENSOR-PIBV2A Datasheet
154Kb / 2P
   Supervisory Switch
More results

Similar Description - PIBVEXP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
   Explosion Proof Flow Switch
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
   Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
   Explosion Proof
logo
Systemsensor advanced i...
EPS10EXP SYSTEMSENSOR-EPS10EXP Datasheet
138Kb / 2P
   Explosion Proof Alarm Pressure Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
   EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
   Explosion-Proof Pull Station
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
   Explosion Proof Waterflow Detector
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
   analog output Explosion-proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
   Explosion Proof Waterflow Detector
logo
ASM GmbH
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
   analog output Dust explosion-proof
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com