Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA400Z Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # RA400Z
Description  High-Temperature Duct Smoke Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

RA400Z Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  RA400Z Datasheet HTML 1Page - Systemsensor advanced ideas. RA400Z Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2003SystemSensor.Thecompanyreservestherighttochangeproductspecificationswithoutnotice.
A05-0953-002•10/03•#1169
Physical Specifications
Length:
14.5inches(36.8cm)
Width:
5inches(12.7cm)
Depth:
4inches(10.2cm)
Weight:
4.5lbs.(2.0kg)
OperatingTemperatureRange:
32ºto158ºF(0ºto70ºC)
StorageTemperatureRange:
–22ºto158ºF(–30ºto70ºC)
AirDuctVelocity:
500to4000ft./min.
OperatingHumidityRange:
10%to93%relativehumidity
Voltage:
24VAC/VDCor120/220VAC
Electrical Specifications
DH400ACDCIHT 4-wireionizationhigh-temperatureduct
smokedetector
1451DHHT
Replacementionizationhigh-temperature
sensorhead
ST-1.5
Metalsamplingtubeductwidths1′–2′
ST-3
Metalsamplingtubeductwidths2′–4′
ST-5
Metalsamplingtubeductwidths4′–8′
ST-10
Metalsamplingtubeductwidths8′–12′
P48-21-00
Endcapformetalsamplingtubes
APA451
AnnunciatorwithpiezoalarmandpowerLEDs
DH400OE-1
WeatherproofOutdoorEnclosure
Ordering Information
System Sensor Sales and Service
System Sensor Headquarters
3825OhioAvenue
St.Charles,IL60174
Ph:800/SENSOR2
Fx:630/377-6495
www.systemsensor.com
System Sensor Canada
Ph:905.812.0767
Fx:905.812.0771
System Sensor Europe
Ph:44.1403.891920
Fx:44.1403.891921
System Sensor in China
Ph:86.29.8832.0119
Fx:86.29.8832.5110
System Sensor in Singapore
Ph:65.6273.2230
Fx:65.6273.2610
System Sensor – Far East
Ph:85.22.191.9003
Fx:85.22.736.6580
System Sensor – Australia
Ph:613.54.281.142
Fx:613.54.281.172
System Sensor – India
Ph:91.124.637.1770x.2700
Fx:91.124.637.3118
System Sensor – Russia
Ph:70.95.937.7982
Fx:70.95.937.7983
RTS451KEY
Remoteteststationwithkey
RTS451
Remoteteststation
PA400W
Piezosounder(white)
PS24LOW
Add-onstrobe(white)
RA400Z
RemoteannunciatoralarmLED
CRT400
Ioncoverremovaltool
F36-05-00
Replacementairfilters(twoperpackage)
MOD400R
Sensitivitytestmodule
M02-04-00
Testmagnet
RS14
Ionreplacementscreen
A2650-01
Replacementinstallationkit(mountinghardware)
PowerSupplyVoltage
20-29VDC
24VAC50-60Hz
120VAC50-60Hz
220/240VAC50-60Hz
CURRENTREQUIREMENTS(USINGNOACCESSORIES)
Max.standbycurrent
25mA
35mARMS
20mARMS
20mARMS
Max.alarmcurrent
95mA
55mARMS
55mARMS
30mARMS
CONTACTRATINGS
Alarminitiationcontacts(SPST)
2.0A@30VAC/DC(0.6powerfactor)
Alarmauxiliarycontacts(DPDT)
10A@30VDC
10A@250VAC
Troublecontacts(SPST)
0.3@32VDC(resistive)
Accessory Current Loads at 24 VDC
Device
Standby
Alarm
AP451
12mAmax.
30mAmax.
PA400W
0mAmax.
15mAmax.
RA400Z
0mAmax.
7mAmax.
RTS451
0mAmax.*
8mAmax.
RTS451KEY
12mAmax.*
8mAmax.
Model
Description
*NOTE:Wheninitiatinganalarm,theRTS451andRTS451KEYrequire103mAinalarm.Nominalstandby
currentis0mA.Alarmcurrentis8mAmaximumwhentestmagnetisremoved.
NOTE:Accessoriesareonlyratedto120°Fandmustbeinstalledindoors.
The air duct smoke detector shall be a System Sensor
Model DH400ACDCIHT Series Duct Smoke Detector.
The detector shall be UL listed per UL S911, standard
for Smoke Detectors for Duct Applications, specifically
for use in air handling systems. The detector shall oper-
ate at air velocities from 500 feet per minute to 4000
feet per minute. The detector shall have an operating
temperature range of 32˚F to 158˚F. The detector housing
shall be equipped with an integral mounting base capable
of accommodating ionization detector heads. It shall be
capable of local testing via magnetic switch or remote test-
ing using the RTS451KEY or RTS451 Remote Test Station.
The duct detector housing shall incorporate an airtight
smoke chamber in compliance with UL S911. The housing
shall be capable of mounting to rectangular or round ducts
up to 12′ wide without adapter brackets. An integral filter
system shall be included to reduce dust and residue effects
on detector and housing, thereby reducing maintenance
and servicing. Sampling tubes shall be installed after the
housing is mounted to the duct by passing through the duct
housing. Terminal connections shall be of the strip and
clamp method suitable for 14–18 AWG wiring.
ANYCOMBINATIONOFACCESSORIESMAYBEUSEDSUCHTHATTHE
GIVENCURRENTLOADSTOTAL:
100mAORLESSINTHESTANDBYSTATE,
150mAORLESSINTHEALARMSTATE.
Architect/Engineer Specifications


Similar Part No. - RA400Z

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RA400Z SYSTEMSENSOR-RA400Z Datasheet
223Kb / 2P
   Plug-in 190째F Thermal Detector
RA400Z SYSTEMSENSOR-RA400Z Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
RA400Z SYSTEMSENSOR-RA400Z Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
RA400Z GAMEWELL-FCI-RA400Z Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
RA400Z GAMEWELL-FCI-RA400Z Datasheet
191Kb / 2P
   Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
More results

Similar Description - RA400Z

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
7251DH SYSTEMSENSOR-7251DH Datasheet
195Kb / 2P
   High Sensitivity Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
B404B SYSTEMSENSOR-B404B Datasheet
343Kb / 4P
   Duct Smoke Detector for Special Applications
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
   4-Wire Photoelectric Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com