Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ED-DPR Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # ED-DPR
Description  Intelligent Duct Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ED-DPR Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  ED-DPR Datasheet HTML 1Page - Systemsensor advanced ideas. ED-DPR Datasheet HTML 2Page - Systemsensor advanced ideas. ED-DPR Datasheet HTML 3Page - Systemsensor advanced ideas. ED-DPR Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2004 System Sensor. The company reserves the right to change product specifications without notice.
A05-0373-000•4/04•#1261
Specifications
Operating Temperature Range
32° to 120°F (0° to 49°C)
Operating Humidity Range
10% to 93% relative humidity
(non-condensing)
Duct Air velocity
500 – 4000 ft./min.
(2.54 – 20.32 m/s)
Shipping Weight
ED-DPR: 4lbs. (1.8 kg)
Length
14.5″ (36.7 cm)
Width
5″ (12.7 cm)
Depth
4″ (10.2 cm)
Ordering Information
Part No.
Description
ED-DPR
Eclipse Series intelligent duct smoke detector
housing
ED-DP
Photoelectric duct sensor head
ED-DPI
Photoelectric isolator duct sensor head
ST-1.5
Metal sampling tube duct widths 1′–2′
ST-3
Metal sampling tube duct widths 2′–4′
ST-5
Metal sampling tube duct widths 4′–8′
ST-10
Metal sampling tube duct widths 8′–12′
A2121
Replacement Eclipse Power Board
Accessories
Description
RTS451
Remote test station (see below)
RTS451KEY
Remote test station w/key (see below)
RA400Z
Remote LED (see below)
F36-05-00
Replacement filters
P48-21-00
End cap for metal sampling tube
T80-71-00
Replacement plastic sampling tube
RTS451
Remote Test Station
(UL S2522)
RTS451KEY
Remote Test Station with
key (UL S2522)
RA400Z
Remote
Annunciator
(UL S2522)
ALARM
RESET
ALARM
ON
RESET
TEST
System Sensor Sales and Service
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800/SENSOR2
Fx: 630/377-6495
Documents-on-Demand
800/736-7672 x3
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor Europe
Ph: 44.1403.891920
Fx: 44.1403.891921
System Sensor in China
Ph: 86.29.524.6253
Fx: 86.29.524.6259
System Sensor in Singapore
Ph: 65.6273.2230
Fx: 65.6273.2610
System Sensor – Far East
Ph: 85.22.191.9003
Fx: 85.22.736.6580
System Sensor – Australia
Ph: 613.54.281.142
Fx: 613.54.281.172
System Sensor – India
Ph: 91.124.237.1770 x.2700
Fx: 91.124.237.3118
System Sensor – Russia
Ph: 70.95.937.7982
Fx: 70.95.937.7983


Similar Part No. - ED-DPR

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ED-DP SYSTEMSENSOR-ED-DP Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
More results

Similar Description - ED-DPR

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
   For Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com