Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-940 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-940
Description  HDSL TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-940 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-940 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
12
3
4
5
10
9
8
76
9
7
1
4
2
5
PARAMETER
UNITS
Turns Ratio
2 : 1 +1%
Line Impedance
135
Inductance (Line Side)
5.0 +6%
mH
Longitudinal Balance
40 kHz to 200 kHz
53 min.
dB
Primary DC Resistance
3.5 Max.
Secondary DC Resistance
2.2 Max.
Frequency Response
+0.2
dB
40kHz - 300kHz
Insertion Loss @ 200kHz
0.4
dB
Isolation (HI-POT)
1500
V
RMS
Primary DC
100
mA
Return Loss @ 40kHz
17 min.
dB
THD
-70 Min.
dB
(40 KHz, 14 dBm
)
T-940
HDSL
TRANSFORMER
Designed for HDSL applications
Compatible with Brooktree BT8960 at
288 kbps
Custom versions of this
transformer are available.
A Surface Mount version of this
transformer is available
SCHEMATIC DIAGRAM:
Physical Dimensions in inches (mm)
PIN POSITION GRID 0.100 (2.54)
HOLES FOR BOBBIN PINS
Line Side Pins 1-4 + 2-5
Device Side Pins 9-7
www.rhombus-ind.com
1/22/96


Similar Part No. - T-940

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-940 RHOMBUS-IND-T-940 Datasheet
45Kb / 1P
   HDSL Line Interface Transformers
T-940G RHOMBUS-IND-T-940G Datasheet
26Kb / 1P
   HDSL TRANSFORMER
More results

Similar Description - T-940

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1313-16HD XFMRS-XF1313-16HD Datasheet
44Kb / 1P
   HDSL TRANSFORMER
logo
PCA ELECTRONICS INC.
EPB5050 PCA-EPB5050 Datasheet
19Kb / 1P
   HDSL Transformer
logo
XFMRS Inc.
XF1313-24HDS XFMRS-XF1313-24HDS_15 Datasheet
74Kb / 1P
   HDSL TRANSFORMER
XF1313-16HD XFMRS-XF1313-16HD Datasheet
44Kb / 1P
   HDSL TRANSFORMER
XF1010-AD14S XFMRS-XF1010-AD14S Datasheet
40Kb / 1P
   HDSL TRANSFORMER
XF1313-4HD XFMRS-XF1313-4HD Datasheet
61Kb / 1P
   HDSL TRANSFORMER
XF1313-14HDS XFMRS-XF1313-14HDS Datasheet
66Kb / 1P
   HDSL TRANSFORMER
XF50864 XFMRS-XF50864 Datasheet
63Kb / 1P
   HDSL TRANSFORMER
X2316HM1 XFMRS-X2316HM1_15 Datasheet
60Kb / 1P
   HDSL TRANSFORMER
XF2311-5HD XFMRS-XF2311-5HD_15 Datasheet
57Kb / 1P
   HDSL TRANSFORMER
XF1313-32HDS XFMRS-XF1313-32HDS Datasheet
48Kb / 1P
   HDSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com