Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM-2C-500B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PSM-2C-500B
Description  PHASE SHIFTERS, MANUAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PSM-2C-500B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PSM-2C-500B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PSM-2B & PSM-2C Series
PHASE SHIFTERS, MANUAL
10 to 1000 MHz / 0
° to 90° / 10% Bandwidth / Multi-Turn Adjustment, High Resolution Units
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Center
Tapped
Flange
Frequency,
Version
Version
fo, MHz
PSM-2B-***B
PSM-2C-***B
10 to 500
PSM-2B-***B
PSM-2C-***B
500 to 1000
For complete Model Number replace *** with desired Cen-
ter Frequency, fo in MHz.
GENERAL SPECIFICATIONS
Phase Shift Range:
90° min. @ fo
Usable Bandwidth:
fo
± 5%
Insertion Loss:
1.5 dB max.
Impedance:
50
Ω nom.
VSWR: < 500 MHz:
1.6:1 max.
> 500 MHz:
1.8:1 max.
Screw Drive:
Multi-Turn
Turns for maximum phase shift:
CW Power:
0.5 Watts max.
Connectors:
SMA Female
Weight, nominal:
2 oz (58 g)
Operating Temp:
-- 55° to +85°C
General Notes:
1. The PSM-2B and PSM-2C series provide
continuously variable phase adjustment using a
precision multi-turn screw from 0° to 90°. The
packages are compact and sturdy.
2. These phase shifters employ lumped element
quadrature hybrids with capacitor tuned LC
networks acting as sliding short circuits on the
outputs. The electrical length of the short effectively
delays the reflected signal which appears at the
isolated port of the quadrature hybrid.
3. Similar phase shifters are available in a variety
of connectorized packages, as well as
electronically tuned models in flatpacks, surface
mount packages and Meri-Pacs.
15Feb96
PSM-2B series
PSM-2C series
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Insertion phase increases with clockwise rotation of screw.
3. Dimensions in inches over millimeters.


Similar Part No. - PSM-2C-500B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSM-2-01 ETC2-PSM-2-01 Datasheet
500Kb / 1P
   PUSH SPACER SUPPORT POSTS
logo
Merrimac Industries, In...
PSM-2-10B MERRIMAC-PSM-2-10B Datasheet
95Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-2-500B MERRIMAC-PSM-2-500B Datasheet
95Kb / 1P
   PHASE SHIFTERS, MANUAL
logo
Fujikura Ltd.
PSM-200KPD FUJIKURA-PSM-200KPD Datasheet
318Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-200KPG FUJIKURA-PSM-200KPG Datasheet
318Kb / 2P
   Pressure sensor module/Gauge,Differential
More results

Similar Description - PSM-2C-500B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PSM-2-10B MERRIMAC-PSM-2-10B Datasheet
95Kb / 1P
   PHASE SHIFTERS, MANUAL
PSP-4-10B MERRIMAC-PSP-4-10B Datasheet
133Kb / 1P
   PHASE SHIFTERS, MANUAL
PS-5-5B MERRIMAC-PS-5-5B Datasheet
95Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-4E-10B MERRIMAC-PSM-4E-10B Datasheet
101Kb / 1P
   PHASE SHIFTERS, MANUAL
PSS-2-70 MERRIMAC-PSS-2-70 Datasheet
71Kb / 1P
   PHASE SHIFTERS, MANUAL
PS-4-30 MERRIMAC-PS-4-30 Datasheet
117Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-3-60 MERRIMAC-PSM-3-60 Datasheet
102Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-2A-60 MERRIMAC-PSM-2A-60 Datasheet
96Kb / 1P
   PHASE SHIFTERS, MANUAL
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
   PHASE SHIFTERS
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
   PHASE SHIFTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com