Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2386 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD2386
Description  Silicon NPN Darlington Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD2386 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD2386 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD2386 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD2386 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Darlington Power Transistors
2SD2386
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=50mA ;IB=0
140
V
VCEsat
Collector-emitter saturation voltage
IC=6A ;IB=6mA
2.5
V
VBE
Base-emitter voltage
IC=6A ; VCE=5V
3.0
V
ICBO
Collector cut-off current
VCB=140V IE=0
5.0
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5.0
μA
hFE-1
DC current gain
IC=6A ; VCE=5V
5000
30000
hFE-2
DC current gain
IC=10A ; VCE=5V
2000
Cob
Collector output capacitance
IE=0 ; VCB=10V;f=1MHz
90
pF
fT
Transition frequency
IC=1A ; VCE=5V
30
MHz
hFE-1 Classifications
A
B
C
5000-12000
9000-18000
15000-30000


Similar Part No. - 2SD2386

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2386 TOSHIBA-2SD2386 Datasheet
137Kb / 2P
   NPN TRIPLI DIFFUSED TYPE ( POWER AMPLIFIER APPLICATIONS)
logo
Savantic, Inc.
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
127Kb / 3P
   Silicon NPN Darlington Power Transistors
More results

Similar Description - 2SD2386

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com