Part Name
         Description
PDML-40A-100

 0 POWER DIVIDERS/COMBINERS ( 1 Page)


MERRIMAC
100% 
Zoom Out Zoom In
   
 1 page
background image
Package Outline
PDML-40 ASeries
0 POWER DIVIDERS / COMBINERS
10 to 2000 MHz / 4-Way / Wide Bandwidth / Low Insertion Loss / Low Profile Package / SMA
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Frequency
Isolation,
Insertion
Phase
Amplitude
VSWR,
Weight,
Model
Range,
dB,
Loss, dB,
Balance,
Bal., dB,
(In/Output)
oz .(g)
Number
MHz
Min.
Typ. Max. Typ.
Max. Typ.
Max.
Typ.
Max. Typ.
Nom.
PDML-40A-100
10 - 200
25
30 1.25
0.8
0.2
0.1
1.3:1 1.2:1
1.2 (34)
PDML-40A-500
20 - 1000
20
25 1.5
1.0
0.5
0.3
1.5:1 1.3:1
1.2 (34)
PDML-40A-1250
500 - 2000
20
25 2.0
1.5
0.5
0.3
1.5:1 1.3:1
1.2 (34)
GENERAL SPECIFICATIONS
Nominal Coupling:
-- 6 dB
Impedance:
50
Ω nom.
Average Input Power:
1 W max.
(When used as divider with 1.2:1 VSWRout)
Internal Load Dissipation: 50 mW
Operating Temperature: -- 55° to +85°C
General Notes:
1. The PDML-40 series of In-Line 4-way
Power Dividers/Combiners covers 10
to 2,000 MHz using a high performance
lumped element design to achieve
multi-octave bandwidth.
3. The units are housed in a convenient
low-profile, 0.4 inch (10 mm) SMA
package. Similar units are available
with N-type connectors in the PDNL
series.
22Feb96
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over mm.



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
CDRH127BPOWER INDUCTORS 1 2 Sumida Corporation
HJF-A-2000 /180 POWER DIVIDERS/COMBINERS 1 Merrimac Industries, Inc.
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
PD-40-1000 POWER DIVIDERS/COMBINERS 1 Merrimac Industries, Inc.
PDF-4E-200 POWER DIVIDERS/COMBINERS 1 Merrimac Industries, Inc.
PDM-25R-8.8G0 POWER DIVIDERS/COMBINERS 1 Merrimac Industries, Inc.
CEEH135General Power TransformerType: CEEH Series> 1 Sumida Corporation
TSAL5100High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs 1 2 3 4 5 MoreVishay Siliconix
GSS9980N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1 2 3 4 GTM CORPORATION

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl