Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM-41-3GSQ Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDM-41-3GSQ
Description  0 DIVIDERS/COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDM-41-3GSQ Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDM-41-3GSQ Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQUENCY
RANGE GHz
ISOLATION
dB Min.
INSERTION LOSS
dB Max.
PHASE BALANCE
Max.
2.0 - 4.0
18
0.6
AMPLITUDE
BALANCE dB Max.
VSWR
Max.
POWER
HANDLING
TEMPERATURE
RANGE
0.6
1.50:1
1 W with output load VSWR’s of 1.2:1
0.1 W with output load VSWR of 2.0:1
0.01 W with output load VSWR of
infinity:1
-55 ° C to +85° C
REV: 001, 11/10/08
0° DIVIDERS / COMBINERS
PDM-41-3G SQ
GENERAL SPECIFICATIONS
TECHNICAL DESCRIPTION / APPLICATION
• SPACE QUALIFIED
• 2.0 - 4.0 GHz, 4 WAY SMA
The PDM-41-3G SQ 4-way In-Phase Power Divider/Combiner covers 2.0 - 4.0 GHz. It uses a conventional
Wilkinson design which provides high isolation and low VSWR. This unit has been designed, manufactured
and qualified per Merrimac document CENG-0001, “Standard Design Requirements for Space Qualified
Devices”.
PACKAGE OUTLINE
Merrimac Industries, RF & Microwave Products Division / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 973.575.1300 / Fax: 973.575.0531 / Internet: www.Merrimacind.com


Similar Part No. - PDM-41-3GSQ

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDM-41M-.75G MERRIMAC-PDM-41M-.75G Datasheet
83Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-41M-1.5G MERRIMAC-PDM-41M-1.5G Datasheet
83Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-41M-10G MERRIMAC-PDM-41M-10G Datasheet
83Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-41M-15G MERRIMAC-PDM-41M-15G Datasheet
83Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-41M-3G MERRIMAC-PDM-41M-3G Datasheet
83Kb / 1P
   0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDM-41-3GSQ

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDM-81-12GSQ MERRIMAC-PDM-81-12GSQ Datasheet
86Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-21-1.5GSQ MERRIMAC-PDM-21-1.5GSQ Datasheet
76Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-20-250SQ MERRIMAC-PDM-20-250SQ Datasheet
74Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-24-13GSQ MERRIMAC-PDM-24-13GSQ Datasheet
84Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-21-6GSQ MERRIMAC-PDM-21-6GSQ Datasheet
84Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-21-12GSQ MERRIMAC-PDM-21-12GSQ Datasheet
83Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-21-14GSQ MERRIMAC-PDM-21-14GSQ Datasheet
85Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-24-11GSQ MERRIMAC-PDM-24-11GSQ Datasheet
83Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-21-2.25GSQ MERRIMAC-PDM-21-2.25GSQ Datasheet
76Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-81-3.8GSQ MERRIMAC-PDM-81-3.8GSQ Datasheet
87Kb / 1P
   0 DIVIDERS/COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com