Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4009CUF-2-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4009CUF-2-PBF
Description  High Effi ciency, Multi-Chemistry Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009CUF-2-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4009CUF-2-PBF Datasheet HTML 1Page - Linear Technology LTC4009CUF-2-PBF Datasheet HTML 2Page - Linear Technology LTC4009CUF-2-PBF Datasheet HTML 3Page - Linear Technology LTC4009CUF-2-PBF Datasheet HTML 4Page - Linear Technology LTC4009CUF-2-PBF Datasheet HTML 5Page - Linear Technology LTC4009CUF-2-PBF Datasheet HTML 6Page - Linear Technology LTC4009CUF-2-PBF Datasheet HTML 7Page - Linear Technology LTC4009CUF-2-PBF Datasheet HTML 8Page - Linear Technology LTC4009CUF-2-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4009
LTC4009-1/LTC4009-2
4
4009fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILEAK-BAT
BAT Leakage Current
SHDN = 0V or DCDIV = 0V,
0V ≤ CSP = CSN = BAT ≤ 20V
l
–1
0
1
μA
ILEAK-CSN
CSN Leakage Current
SHDN = 0V or DCDIV = 0V,
0V ≤ CSP = CSN = BAT ≤ 20V
l
–1
0
1
μA
ILEAK-CSP
CSP Leakage Current
SHDN = 0V or DCDIV = 0V,
0V ≤ CSP = CSN = BAT ≤ 20V
l
–1
0
1
μA
ILEAK-SW
SW Leakage Current
SHDN = 0V or DCDIV = 0V,
0V ≤ SW ≤ 20V
l
–1
0
2
μA
INTVDD Regulator
INTVDD
Output Voltage
No Load
l
4.85
5
5.15
V
ΔVDD
Load Regulation
IDD = 20mA
–0.4
–1
%
IDD
Short-Circuit Current (Note 6)
INTVDD = 0V
50
85
120
mA
Switching Regulator
VCE
Charge Enable Threshold Voltage
CLP – BAT, CLP Rising
l
65
100
135
mV
IITH
ITH Current
ITH = 1.4V
–40/+90
μA
fTYP
Typical Switching Frequency
467
550
633
kHz
fMIN
Minimum Switching Frequency
CLOAD = 3.3nF
20
25
kHz
DCMAX
Maximum Duty Cycle
CLOAD = 3.3nF
98
99
%
tR-TG
TGATE Rise Time
CLOAD = 3.3nF, 10% – 90%
60
110
ns
tF-TG
TGATE Fall Time
CLOAD = 3.3nF, 90% – 10%
50
90
ns
tR-BG
BGATE Rise Time
CLOAD = 3.3nF, 10% – 90%
60
90
ns
tF-BG
BGATE Fall Time
CLOAD = 3.3nF, 90% – 10%
60
110
ns
tNO
TGATE, BGATE Non-Overlap Time
CLOAD = 3.3nF, 10% – 10%
110
ns
Float Voltage Select Inputs (LTC4009-1/LTC4009-2 Only)
VIL
Input Voltage Low
0.5
V
VIH
Input Voltage High
3.5
V
IIN
Input Current
0V ≤ VIN ≤ 5V
–10
10
μA
Indicator Outputs
VOL
Output Voltage Low
ILOAD = 100μA, PROG = 1.2V
500
mV
ILEAK
Output Leakage
SHDN = 0V, DCDIV = 0V, VOUT = 20V
l
–10
10
μA
IC10
CHRG C/10 Current Sink
CHRG = 2.5V
l
15
25
38
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4009 is guaranteed to meet performance specifications
over the 0°C to 85°C operating temperature range.
Note 3: Operating junction temperature TJ (in °C) is calculated from
the ambient temperature TA and the total continuous package power
dissipation PD (in watts) by the formula TJ = TA + (θJA • PD). Refer to the
Applications Information section for details.
Note 4: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND, unless otherwise
specified.
Note 5: This threshold is guaranteed to be satisfied if CLP = DCIN when
the LTC4009 exits shutdown.
Note 6: Output current may be limited by internal power dissipation. Refer
to the Applications Information section for details.


Similar Part No. - LTC4009CUF-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4009 LINER-LTC4009 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4009 LINER-LTC4009 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4009 AD-LTC4009 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC4009-1 LINER-LTC4009-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
More results

Similar Description - LTC4009CUF-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com