Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4009CUF-1-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4009CUF-1-PBF
Description  High Effi ciency, Multi-Chemistry Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009CUF-1-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4009CUF-1-PBF Datasheet HTML 1Page - Linear Technology LTC4009CUF-1-PBF Datasheet HTML 2Page - Linear Technology LTC4009CUF-1-PBF Datasheet HTML 3Page - Linear Technology LTC4009CUF-1-PBF Datasheet HTML 4Page - Linear Technology LTC4009CUF-1-PBF Datasheet HTML 5Page - Linear Technology LTC4009CUF-1-PBF Datasheet HTML 6Page - Linear Technology LTC4009CUF-1-PBF Datasheet HTML 7Page - Linear Technology LTC4009CUF-1-PBF Datasheet HTML 8Page - Linear Technology LTC4009CUF-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4009
LTC4009-1/LTC4009-2
2
4009fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
DCIN, CLP, CLN or SW to GND................... –0.3V to 30V
CLP to CLN ............................................................±0.3V
CSP, CSN or BAT to GND ............................ –0.3V to 28V
CSP to CSN............................................................±0.3V
BOOST to GND........................................... –0.3V to 36V
BOOST to SW............................................... –0.3V to 7V
(Note 1)
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
CLN
CLP
DCIN
ICL
DCDIV
CSP
CSN
PROG
ITH
BAT
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
CLN
CLP
DCIN
ICL
DCDIV
CSP
CSN
PROG
ITH
BAT
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
DCDIV, SHDN, FVS0, FVS1 or VFB to GND.... –0.3V to 7V
ACP, CHRG or ICL to GND ......................... –0.3V to 30V
Operating Temperature Range (Note 2)........ 0°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4009CUF#PBF
LTC4009CUF#TRPBF
4009
20-Lead (4mm
× 4mm) Plastic QFN
0°C to 85°C
LTC4009CUF-1#PBF
LTC4009CUF-1#TRPBF
40091
20-Lead (4mm
× 4mm) Plastic QFN
0°C to 85°C
LTC4009CUF-2#PBF
LTC4009CUF-2#TRPBF
40092
20-Lead (4mm
× 4mm) Plastic QFN
0°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LTC4009
LTC4009-1
LTC4009-2


Similar Part No. - LTC4009CUF-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4009 LINER-LTC4009 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4009 LINER-LTC4009 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4009 AD-LTC4009 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC4009-1 LINER-LTC4009-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
More results

Similar Description - LTC4009CUF-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com