Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4009CUF-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4009CUF-PBF
Description  High Effi ciency, Multi-Chemistry Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009CUF-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4009CUF-PBF Datasheet HTML 7Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 8Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 9Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 10Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 11Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 12Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 13Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 14Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
4009fb
LTC4009
LTC4009-1/LTC4009-2
OPERATION
Overview
The LTC4009 is a synchronous step-down (buck) current
mode PWM battery charger controller. The maximum
charge current is programmed by the combination of a
charge current sense resistor (RSENSE), matched input
resistors (RIN, Figure 1), and a programming resistor
(RPROG) between the PROG and GND pins. Battery volt-
age is programmed either with an external resistor divider
between FBDIV and GND (LTC4009) or two digital battery
voltage select pins (LTC4009-1/LTC4009-2). In addition,
the PROG pin provides a linearized voltage output of the
actual charge current.
The LTC4009 family does not have any built-in charge
termination and is flexible enough for charging any type
of battery chemistry. These are building block ICs intended
for use with an external circuit, such as a microcontroller,
capable of managing the entire algorithm required for
the specific battery being charged. Each member of the
LTC4009 family features a shutdown input and various state
indicator outputs, allowing easy and direct management by
a wide range of external (digital) charge controllers. Due
to the popularity of rechargeable lithium-ion chemistries,
the LTC4009-1 and LTC4009-2 also offer internal precision
resistors that can be digitally selected to produce one of
four preset output voltages for simplified design of those
charger types.
Shutdown
The LTC4009 remains in shutdown until DCDIV exceeds
1.2V, and SHDN is driven above 1.4V. In shutdown, current
drain from the battery is reduced to the lowest possible
level, thereby increasing standby time. When in shutdown,
the ITH pin is pulled to GND and the CHRG, ICL, FET gate
drivers and INTVDD output are all disabled. The ACP status
output indicates sensed adapter input voltage during all
LTC4009 states. Charging can be stopped at any time by
forcing SHDN below 300mV.
Soft-Start
Exiting the shutdown state enables the charger and releases
the ITH pin. When enabled, switching will not begin until
CLP exceeds BAT by 100mV and ITH exceeds a threshold
that assures initial current will be positive (about 5% to
25% of the maximum programmed current). To limit inrush
current, soft-start delay is created with the compensation
values used on the ITH pin. Longer soft-start times can be
realized by increasing the filter capacitor on ITH, if reduced
loop bandwidth is acceptable. The actual charge current at
the end of soft-start will depend on which loop (current,
voltage or adapter limit) is in control of the PWM. If this
current is below that required by the ITH start-up threshold,
the resulting charge current transient duration depends on
loop compensation but is typically less than 100μs.
Bulk Charge
When soft-start is complete, the LTC4009 begins sourc-
ing the current programmed by the external components
connected to CSP, CSN and PROG. Some batteries may
require a small conditioning trickle current if they are heavily
discharged. As shown in the Applications Information sec-
tion, the LTC4009 can address this need through a variety
of low current circuit techniques on the PROG pin. Once
a suitable cell voltage has been reached, charge current
can be switched to a higher, bulk charge value.
End-of-Charge and CHRG Output
As the battery approaches the programmed output volt-
age, charge current will begin to decrease. The open-
drain CHRG output can indicate when the current drops
to 10% of its programmed full-scale value by turning off
the strong pull-down (open-drain FET) and turning on a
weak 25μA pull-down current. This weak pull-down state
is latched until the part enters shutdown or the sensed
current rises to roughly C/6. C/10 indication will not be
set if charge current has been reduced due to adapter
input current limiting or DCIN/battery overvoltage. As
the charge current approaches 0A, the PWM continues to
operate in full continuous mode. This avoids generation
of audible noise, allowing bulk ceramic capacitors to be
used in the application.


Similar Part No. - LTC4009CUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4009 LINER-LTC4009 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4009 LINER-LTC4009 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4009 AD-LTC4009 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC4009-1 LINER-LTC4009-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
More results

Similar Description - LTC4009CUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com