Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4009-1 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4009-1
Description  High Effi ciency, Multi-Chemistry Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009-1 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4009-1 Datasheet HTML 8Page - Linear Technology LTC4009-1 Datasheet HTML 9Page - Linear Technology LTC4009-1 Datasheet HTML 10Page - Linear Technology LTC4009-1 Datasheet HTML 11Page - Linear Technology LTC4009-1 Datasheet HTML 12Page - Linear Technology LTC4009-1 Datasheet HTML 13Page - Linear Technology LTC4009-1 Datasheet HTML 14Page - Linear Technology LTC4009-1 Datasheet HTML 15Page - Linear Technology LTC4009-1 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC4009
LTC4009-1/LTC4009-2
12
4009fb
Charge Current Monitoring
When the LTC4009 is charging, the voltage on the PROG pin
varies in direct proportion to the charge current. Referring
to Figure 1, the nominal PROG voltage is given by
V
IR
R
R
μA R
PROG
CHRG
SENSE
PROG
IN
PROG
=+
••
.•
11 67
Voltage tolerance on PROG is limited by the charge current
accuracy specified in the Electrical Characteristics table.
Refer to the Applications Information section on program-
ming charge current for additional details.
Adapter Input Current Limit
The LTC4009 can monitor and limit current from the input
DC supply, which is normally an AC adapter. When the
programmed adapter input current is reached, charge
current is reduced to maintain the desired maximum input
current. The ITH and PROG pins will reflect the reduced
charge current. This limit function avoids overloading the
DC input source, allowing the product to operate at the
same time the battery is charging without complex load
management algorithms. The battery will automatically be
charged at the maximum possible rate that the adapter will
support, given the application’s operating condition. The
LTC4009 can only limit input current by reducing charge
current, and in this case the charger uses nonsynchro-
nous PWM operation to prevent boosting if the average
charge current falls below about 25% of the maximum
programmed current. Note that the ICL indicator output
becomes active (low) at an adapter input current level just
slightly less than that required for the internal amplifier to
begin to assert control over the PWM loop.
If system load current equals or exceeds the input adapter
current limit for more than a few milliseconds, the bootstrap
capacitor between BOOST and SW can fully discharge due
to normal pin leakage currents. In this case, the PWM will
not restart until the system current has dropped to about
85% of the programmed input adapter limit value.
Charger Status Indicator Outputs
The LTC4009 open-drain indicator outputs provide valu-
able information about the IC’s operating state and can
OPERATION
Figure 1. PWM Circuit Diagram
+
EA
CA
+
CC
19
2
11
PWM
LOGIC
OSCILLATOR
WATCHDOG
TIMER
LOOP
COMPENSATION
TGATE
SYSTEM
POWER
L1
RIN
+
16
BGATE
15
CSP
14
CSN
13
PROG
10
VFB
12
ITH
RPROG
R1
FROM ICL
1.2085V
RSENSE
VSENSE
ICHRG
4009 F01
CPROG
Q
S
CLOCK
LTC4009
CLP
BAT
RD
RIN
+


Similar Part No. - LTC4009-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009-1 LINER-LTC4009-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results

Similar Description - LTC4009-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com