Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4008EGN-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4008EGN-1
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008EGN-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4008EGN-1 Datasheet HTML 4Page - Linear Technology LTC4008EGN-1 Datasheet HTML 5Page - Linear Technology LTC4008EGN-1 Datasheet HTML 6Page - Linear Technology LTC4008EGN-1 Datasheet HTML 7Page - Linear Technology LTC4008EGN-1 Datasheet HTML 8Page - Linear Technology LTC4008EGN-1 Datasheet HTML 9Page - Linear Technology LTC4008EGN-1 Datasheet HTML 10Page - Linear Technology LTC4008EGN-1 Datasheet HTML 11Page - Linear Technology LTC4008EGN-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC4008
4008fa
TEST CIRCUIT
+
+
+
EA
LT1055
LTC4008
VREF
BAT
7
13
12
CSP
11
ITH
0.6V
4008 TC
9
BATMON
90.325k
9.675k
VFB
OVERVIEW
The LTC4008 is a synchronous current mode PWM step
down (buck) switcher battery charger controller. The
charge current is programmed by the combination of a
program resistor (RPROG) from the PROG pin to ground
and a sense resistor (RSENSE) between the CSP and BAT
pins. The final float voltage is programmed with an exter-
nal resistor divider and the internal 1.19V reference volt-
age. Charging begins when the potential at the DCIN pin
rises above the voltage at BAT (and the UVLO voltage) and
the ACP/SHDN pin is high. An external thermistor network
is sampled at regular intervals. If the thermistor value
exceeds design limits, charging is suspended and the
FAULT pin is set low. If the thermistor value returns to an
acceptable value, charging resumes and the FAULT pin is
set high. An external resistor on the RT pin sets the
sampling interval for the thermistor.
OPERATIO
As the battery approaches the final float voltage, the
charge current will begin to decrease. When the current
drops to 10% of the full-scale charge current, an internal
C/10 comparator will indicate this condition by latching
the FLAG pin low. If this condition is caused by an input
current limit condition, described below, then the FLAG
indicator will be inhibited. When the input voltage is not
present, the charger goes into a sleep mode, dropping
battery current drain to 15
µA. This greatly reduces the
current drain on the battery and increases the standby
time. The charger can be inhibited at any time by forcing
the ACP/SHDN pin to a low voltage. Forcing ACP/SHDN
low, or removing the voltage from DCIN, will also clear the
FLAG pin if it is low.
Table 1. Truth Table For Indicator States
MODE
DCIN
ACP/SHDN
FLAG**
FAULT**
ICL
Shutdown by low adapter voltage (Disabled on LTC4008-1)
<BAT
LOW
HIGH
HIGH
LOW
Normal charging
>BAT
HIGH
HIGH
HIGH*
HIGH*
Input current limited charging
>BAT
HIGH
HIGH*
HIGH*
LOW
Charger shut down due to thermistor out of range
>BAT
HIGH
X
LOW
HIGH
Shut down by ACP/SHDN pin (USER)
X
Forced LOW
HIGH
HIGH
LOW
Shut down by undervoltage lockout
>BAT + <UVL
HIGH
HIGH
HIGH*
LOW
*Most probable condition, **Open-drain output, HIGH = Open with pull-up, X = Don’t care


Similar Part No. - LTC4008EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC4008 LINER-LTC4008 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4008 LINER-LTC4008 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
More results

Similar Description - LTC4008EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com