Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4007-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4007-1
Description  4A, High Efficiency, Li-Ion Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4007-1 Datasheet HTML 5Page - Linear Technology LTC4007-1 Datasheet HTML 6Page - Linear Technology LTC4007-1 Datasheet HTML 7Page - Linear Technology LTC4007-1 Datasheet HTML 8Page - Linear Technology LTC4007-1 Datasheet HTML 9Page - Linear Technology LTC4007-1 Datasheet HTML 10Page - Linear Technology LTC4007-1 Datasheet HTML 11Page - Linear Technology LTC4007-1 Datasheet HTML 12Page - Linear Technology LTC4007-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC4007-1
40071f
TEST CIRCUIT
+
+
EA
LT1055
LTC4007-1
VREF
CHEM
3C4C
BAT
DIVIDER/
MUX
13
5
12
CSP
11
ITH
0.6V
40071 TC
8
OPERATIO
Overview
The LTC4007-1 is a synchronous current mode PWM
step-down (buck) switcher battery charger controller. The
charge current is programmed by the combination of a
program resistor (RPROG) from the PROG pin to ground
and a sense resistor (RSENSE) between the CSP and BAT
pins. The final float voltage is programmed to one of four
values (12.3V, 12.6V, 16.4V, 16.8V) with
±1% maximum
accuracy using pins 3C4C and CHEM. Charging begins
when the potential at the DCIN pin rises above the voltage
at BAT (and the UVLO voltage) and the SHDN pin is low; the
CHG pin is set low. At the beginning of the charge cycle, if
the cell voltage is below 3.25V (3.173V if CHEM is low), the
LOBAT pin will be low. The LOBAT indicator can be used
to reduce the charging current to a low value, typically
10% of full scale. If the cell voltage stays below 3.25V for
25% of the total charge time, the charge sequence will be
terminated immediately and the FAULT pin will be set low.
An external thermistor network is sampled at regular
intervals. If the thermistor value exceeds design limits,
charging is suspended and the FAULT pin is set low. If the
thermistor value returns to an acceptable value, charging
resumes and the FAULT pin is set high. An external resistor
on the RT pin sets the total charge time. The timer can be
defeated by forcing the CHG pin to a low voltage.
As the battery approaches the final float voltage, the
charge current will begin to decrease. When the current
drops to 10% of the full-scale charge current, an internal
C/10 comparator will indicate this condition by latching
the FLAG pin low. The charge timer is also reset to 1/4 of
the total charge time when FLAG goes low. If this condition
is caused by an input current limit condition, described
below, then the FLAG indicator will be inhibited. When a
time-out occurs, charging is terminated immediately and
the CHG pin is forced to a high impedance state. To restart
the charge cycle manually, simply remove the input volt-
age and reapply it, or set the SHDN pin high momentarily.
When the input voltage is not present, the charger goes
into a sleep mode, dropping battery current drain to 15
µA.
This greatly reduces the current drain on the battery and
increases the standby time. The charger is inhibited any
time the SHDN pin is high.
Input FET
The input FET circuit performs two functions. It enables
the charger if the input voltage is higher than the CLN pin
and provides the logic indicator of AC present on the ACP
pin. It controls the gate of the input FET to keep a low
forward voltage drop when charging and also prevents
reverse current flow through the input FET.
If the input voltage is less than VCLN, it must go at least
170mV higher than VCLN to activate the charger. When this
occurs the ACP pin is released and pulled up with an
external load to indicate that the adapter is present. The


Similar Part No. - LTC4007-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
More results

Similar Description - LTC4007-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Linear Technology
LT3651EUHE-4.2 LINER-LT3651EUHE-4.2 Datasheet
608Kb / 6P
   4A High Voltage Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
   High Efficiency 2A Li-Ion Battery Charger
logo
Linear Technology
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com