Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4007EGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4007EGN
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007EGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4007EGN Datasheet HTML 7Page - Linear Technology LTC4007EGN Datasheet HTML 8Page - Linear Technology LTC4007EGN Datasheet HTML 9Page - Linear Technology LTC4007EGN Datasheet HTML 10Page - Linear Technology LTC4007EGN Datasheet HTML 11Page - Linear Technology LTC4007EGN Datasheet HTML 12Page - Linear Technology LTC4007EGN Datasheet HTML 13Page - Linear Technology LTC4007EGN Datasheet HTML 14Page - Linear Technology LTC4007EGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC4007
4007fa
The peak inductor current, at which ICMP resets the SR
latch, is controlled by the voltage on ITH. ITH is in turn
controlled by several loops, depending upon the situation
at hand. The average current control loop converts the
voltage between CSP and BAT to a representative current.
Error amp CA2 compares this current against the desired
current programmed by RPROG at the PROG pin and
adjusts ITH until:
V
R
VV
A
k
k
REF
PROG
CSP
BAT
=
–.
• .
.
11 67
3 01
301
therefore,
I
V
R
A
k
R
CHARGE MAX
REF
PROG
SENSE
()
–.
.
⎝⎜
⎠⎟
11 67
301
The voltage at BAT is divided down by an internal resistor
divider and is used by error amp EA to decrease ITH if the
divider voltage is above the 1.19V reference. When the
charging current begins to decrease, the voltage at PROG
will decrease in direct proportion. The voltage at PROG is
then given by:
VI
R
A
k
R
k
PROG
CHARGE
SENSE
PROG
=+
µ
()
•.
• .
.
11 67
3 01
301
VPROG is plotted in Figure 2.
The amplifier CL1 monitors and limits the input current,
normally from the AC adapter to a preset level (100mV/
RCL). At input current limit, CL1 will decrease the ITH
OPERATIO
ICHARGE (% OF MAXIMUM CURRENT)
0
0
0.2
0.4
0.6
0.8
20
40
60
80
100
4007 F02
1.0
1.2
1.19V
0.309V
Figure 2. VPROG vs ICHARGE
voltage, thereby reducing charging current. The ICL indica-
tor output will go low when this condition is detected and
the FLAG indicator will be inhibited if it is not already LOW.
If the charging current decreases below 10% to 15% of
programmed current while engaged in input current lim-
iting, BGATE will be forced low to prevent the charger from
discharging the battery. Audible noise can occur in this
mode of operation.
An overvoltage comparator guards against voltage tran-
sient overshoots (>7% of programmed value). In this
case, both MOSFETs are turned off until the overvoltage
condition is cleared. This feature is useful for batteries
which “load dump” themselves by opening their protec-
tion switch to perform functions such as calibration or
pulse mode charging.
PWM Watchdog Timer
There is a watchdog timer that observes the activity on the
BGATE and TGATE pins. If TGATE stops switching for
more than 40
µs, the watchdog activates and turns off the
top MOSFET for about 400ns. The watchdog engages to
prevent very low frequency operation in dropout—a po-
tential source of audible noise when using ceramic input
and output capacitors.
Charger Start-Up
When the charger is enabled, it will not begin switching
until the ITH voltage exceeds a threshold that assures
initial current will be positive. This threshold is 5% to 15%
of the maximum programmed current. After the charger
begins switching, the various loops will control the current
at a level that is higher or lower than the initial current. The
duration of this transient condition depends upon the loop
compensation, but is typically less than 100
µs.
Thermistor Detection
The thermistor detection circuit is shown in Figure 3. It
requires an external resistor and capacitor in order to
function properly.
The thermistor detector performs a sample-and-hold func-
tion. An internal clock, whose frequency is determined by


Similar Part No. - LTC4007EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007EGN LINER-LTC4007EGN Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
More results

Similar Description - LTC4007EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com