Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4007 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4007
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4007_1 Datasheet HTML 4Page - Linear Technology LTC4007_1 Datasheet HTML 5Page - Linear Technology LTC4007_1 Datasheet HTML 6Page - Linear Technology LTC4007_1 Datasheet HTML 7Page - Linear Technology LTC4007_1 Datasheet HTML 8Page - Linear Technology LTC4007_1 Datasheet HTML 9Page - Linear Technology LTC4007_1 Datasheet HTML 10Page - Linear Technology LTC4007_1 Datasheet HTML 11Page - Linear Technology LTC4007_1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC4007
4007fa
BLOCK DIAGRA
+
+
7
6
16
9k
1.19V
11.67
µA
TBAD
RESTART
MUX
1.105V
EA
gm = 1m
gm = 1m
gm = 1.4m
708mV
1.19V
3C4C
FLAG
GND
CHEM
8
LOBAT
13
20
ICL
TGATE
BGATE
Q1
Q2
18
CLP
100mV
15nF
20
µF
RCL
5k
19
CLN
22
PGND
L1
397mV
CHG
RT
NTC
0.47
µF
10k
NTC
RRT
+
+
CL1
TIMER/CONTROLLER
THERMISTOR
OSCILLATOR
2
4
9
BAT
3k
RSENSE
CSP
ITH
10
32.4k
WATCHDOG
DETECT tOFF
CLN
DCIN
OV
OSCILLATOR
1.28V
PWM
LOGIC
S
R
Q
CHARGE
IREV
ICMP
+
÷5
BUFFERED ITH
21
PROG
4007 BD
RPROG
26.7k
0.0047
µF
11
17
FAULT 5
SHDN 24
ACP 3
INFET
Q3
DCIN
0.1
µF
VIN
23
1
+
CLN
5.8V
3k
20
µF
6K
0.12
µF
15
14
CA1
CA2
C/10
35mV
+
+
17mV


Similar Part No. - LTC4007_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4007_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com