Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4006EGN-6 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4006EGN-6
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006EGN-6 Datasheet(HTML) 5 Page - Linear Technology

  LTC4006EGN-6 Datasheet HTML 1Page - Linear Technology LTC4006EGN-6 Datasheet HTML 2Page - Linear Technology LTC4006EGN-6 Datasheet HTML 3Page - Linear Technology LTC4006EGN-6 Datasheet HTML 4Page - Linear Technology LTC4006EGN-6 Datasheet HTML 5Page - Linear Technology LTC4006EGN-6 Datasheet HTML 6Page - Linear Technology LTC4006EGN-6 Datasheet HTML 7Page - Linear Technology LTC4006EGN-6 Datasheet HTML 8Page - Linear Technology LTC4006EGN-6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC4006
4006fa
nected and the CHG pin is forced into a high impedance
state. A pull-up resistor is required. The timer function is
defeated by forcing this pin below 1V (or connecting it to
GND).
ACP/SHDN (Pin 3): Open-Drain Output used to indicate if
the AC adapter voltage is adequate for charging. Active
high digital output. Internal 10
µA pull-up to 3.5V. The
charger can also be inhibited by pulling this pin below 1V.
Reset the charger by pulsing the pin low for a minimum of
0.1
µs.
TYPICAL PERFOR A CE CHARACTERISTICS
Disconnect/Reconnect Battery
(Load Dump)
Battery Leakage Current vs
Battery Voltage
4006 G04
LOAD CURRENT = 1A, 2A, 3A
DCIN = 20V
LTC4006-2
VFLOAT
1V/(DIV)
LOAD
STATE
DISCONNECT
RECONNECT
1A STEP
3A STEP
3A STEP
1A STEP
BATTERY VOLTAGE (V)
0
5
10
15
20
25
30
4006 G05
40
35
30
25
20
15
10
5
0
VDCIN = 0V
Efficiency at 19VDC VIN
LTC4006-2 Efficiency with
15VDC VIN
CHARGING CURRENT (A)
1.00
0.50
1.50
2.00
2.50
3.00
4006 G07
LTC4006-4
LTC4006-2
100
95
90
85
80
75
CHARGING CURRENT (A)
1.00
0.50
1.50
2.00
2.50
3.00
4006 G08
100
95
90
85
80
75
PI FU CTIO S
DCIN (Pin 1): External DC Power Source Input. Bypass
this pin with at least 0.01
µF. See Applications Information
section.
CHG (Pin 2): Open-Drain Charge Status Output. When the
battery is being charged, the CHG pin is pulled low by an
internal N-channel MOSFET. When the charge current
drops below 10% of programmed current, the N-channel
MOSFET turns off and a 25
µA current source is connected
from the CHG pin to GND. When the timer runs out or the
input supply is removed, the current source will be discon-


Similar Part No. - LTC4006EGN-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006EGN-6 LINER-LTC4006EGN-6 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4006EGN-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com