Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4006EGN-4 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4006EGN-4
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006EGN-4 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4006EGN-4 Datasheet HTML 3Page - Linear Technology LTC4006EGN-4 Datasheet HTML 4Page - Linear Technology LTC4006EGN-4 Datasheet HTML 5Page - Linear Technology LTC4006EGN-4 Datasheet HTML 6Page - Linear Technology LTC4006EGN-4 Datasheet HTML 7Page - Linear Technology LTC4006EGN-4 Datasheet HTML 8Page - Linear Technology LTC4006EGN-4 Datasheet HTML 9Page - Linear Technology LTC4006EGN-4 Datasheet HTML 10Page - Linear Technology LTC4006EGN-4 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC4006
4006fa
BLOCK DIAGRA
+
5
9k
1.19V
11.67
µA
35mV
C/10
TBAD
EA
gm = 1m
gm = 1m
1.19V
GND
13
TGATE
BGATE
Q1
Q2
11
CLP
100mV
15nF
20
µF
RCL
5.1k
12
CLN
15
PGND
L1
397mV
CHG
25
µA
VLOGIC
RT
NTC
0.47
µF
10k
NTC
RRT
+
+
CL1
gm = 1.5m
TIMER/CONTROLLER
THERMISTOR
OSCILLATOR
2
4
6
BAT
3k
RSENSE
CSP
ITH
7
32.4k
100k
WATCH DOG
DETECT tOFF
DCIN
OV
OSCILLATOR
1.28V
PWM
LOGIC
S
R
Q
CHARGE
IREV
ICMP
+
÷5
BUFFERED ITH
14
0.1
µF
IMON
4006 BD
4.7nF
RIMON1
26.44k
RIMON2
52.87k
17mV
8
ACP/SHDN 3
INFET
Q3
DCIN
VIN
16
1
+
ICL
5.8V
CLN
3k
20
µF
6.04k
0.12
µF
CA2
CA1
10
9
RESTART
LOBAT
1.105V
708mV


Similar Part No. - LTC4006EGN-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006EGN-4 LINER-LTC4006EGN-4 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4006EGN-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com