Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDD-3Z-2.45G Datasheet(PDF) 3 Page - Merrimac Industries, Inc.

Part # PDD-3Z-2.45G
Description  3-WAY POWER DIVIDERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDD-3Z-2.45G Datasheet(HTML) 3 Page - Merrimac Industries, Inc.

  PDD-3Z-2.45G Datasheet HTML 1Page - Merrimac Industries, Inc. PDD-3Z-2.45G Datasheet HTML 2Page - Merrimac Industries, Inc. PDD-3Z-2.45G Datasheet HTML 3Page - Merrimac Industries, Inc. PDD-3Z-2.45G Datasheet HTML 4Page - Merrimac Industries, Inc. PDD-3Z-2.45G Datasheet HTML 5Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO-9001 REGISTERED
Return Loss
-30
-25
-20
-15
-10
-5
0
2.3
2.35
2.4
2.45
2.5
2.55
2.6
Frequency (GHz)
IN
OUT1
OUT2
OUT3
Transmission & Loss
-6.5
-6
-5.5
-5
-4.5
2.3
2.35
2.4
2.45
2.5
2.55
2.6
Frequency (GHz)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
IN - OUT1
IN - OUT2
IN - OUT3
INS. LOSS
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.6636 / Fax: 973.882.5990 / Email: pico@merrimacind.com / www.Multi-Mix.com


Similar Part No. - PDD-3Z-2.45G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDD-3Z-1.9G MERRIMAC-PDD-3Z-1.9G Datasheet
142Kb / 5P
   3-WAY POWER DIVIDERS
More results

Similar Description - PDD-3Z-2.45G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDD-3Z-1.9G MERRIMAC-PDD-3Z-1.9G Datasheet
142Kb / 5P
   3-WAY POWER DIVIDERS
logo
SYNERGY MICROWAVE CORPO...
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
logo
M/A-COM Technology Solu...
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
   Power Dividers 4-Way
4A0286 ANAREN-4A0286_14 Datasheet
217Kb / 4P
   Power Dividers 8-Way
logo
Merrimac Industries, In...
PDD-3X-1.5G MERRIMAC-PDD-3X-1.5G Datasheet
162Kb / 5P
   2-WAY POWER DIVIDERS
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers
logo
Anaren Microwave
4A0857 ANAREN-4A0857_14 Datasheet
464Kb / 4P
   Power Dividers 8-Way
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com