Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4053BM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053BM
Description  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4053BM Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4053BM Datasheet HTML 2Page - Texas Instruments CD4053BM Datasheet HTML 3Page - Texas Instruments CD4053BM Datasheet HTML 4Page - Texas Instruments CD4053BM Datasheet HTML 5Page - Texas Instruments CD4053BM Datasheet HTML 6Page - Texas Instruments CD4053BM Datasheet HTML 7Page - Texas Instruments CD4053BM Datasheet HTML 8Page - Texas Instruments CD4053BM Datasheet HTML 9Page - Texas Instruments CD4053BM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
CONTROL (ADDRESS OR INHIBIT), VC
Input Low Voltage, VIL,
Max
VIL = VDD
through
1k
Ω;
VIH = VDD
through
1k
VEE = VSS,
RL = 1kΩ to VSS,
IIS < 2µA on All
OFF Channels
5
1.5
1.5
1.5
1.5
-
-
1.5
V
10
3333
-
-
3
V
15
4444
-
-
4
V
Input High Voltage, VIH,
Min
5
3.5
3.5
3.5
3.5
3.5
-
-
V
10
7777
7
-
-
V
15
11
11
11
11
11
-
-
V
Input Current, IIN (Max)
VIN = 0, 18
18
±0.1
±0.1
±1
±1-
±10-5
±0.1
µA
Propagation Delay Time:
Address-to-Signal
OUT (Channels ON or
OFF) See Figures 10,
11, 14
tr, tf = 20ns,
CL = 50pF,
RL = 10kΩ
0
0
5
----
-
450
720
ns
0
0
10
----
-
160
320
ns
0
0
15
----
-
120
240
ns
-5
0
5
----
-
225
450
ns
Propagation Delay Time:
Inhibit-to-Signal OUT
(Channel Turning ON)
See Figure 11
tr, tf = 20ns,
CL = 50pF,
RL = 1kΩ
0
0
5
----
-
400
720
ns
0
0
10
----
-
160
320
ns
0
0
15
----
-
120
240
ns
-10
0
5
----
-
200
400
ns
Propagation Delay Time:
Inhibit-to-Signal OUT
(Channel Turning
OFF) See Figure 15
tr, tf = 20ns,
CL = 50pF,
RL = 10kΩ
0
0
5
----
-
200
450
ns
0
0
10
----
-
90
210
ns
0
0
15
----
-
70
160
ns
-10
0
5
----
-
130
300
ns
Input Capacitance, CIN
(Any Address or Inhibit
Input)
----
-
5
7.5
pF
NOTE:
2. Determined by minimum feasible leakage measurement for automatic testing.
Electrical Specifications
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
VIS (V)
VDD (V)
RL (kΩ)
TYP
Cutoff (-3dB) Frequency Chan-
nel ON (Sine Wave Input)
5 (Note 3)
10
1
VOS at Common OUT/IN
CD4053
30
MHz
VEE = VSS,
CD4052
25
MHz
CD4051
20
MHz
VOS at Any Channel
60
MHz
Electrical Specifications
Common Conditions Here: If Whole Table is For the Full Temp. Range, VSUPPLY = ±5V, AV = +1,
RL = 100Ω, Unless Otherwise Specified (Continued) (Note 3)
PARAMETER
CONDITIONS
LIMITS AT INDICATED TEMPERATURES (oC)
UNITS
VIS (V)
VEE (V) VSS (V) VDD (V)
-55
-40
85
125
25
MIN
TYP
MAX
20Log
V
OS
V
IS
------------
3dB
=
CD4051B, CD4052B, CD4053B


Similar Part No. - CD4053BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4053BM NSC-CD4053BM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Harris Corporation
CD4053BM HARRIS-CD4053BM Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4053BM TI-CD4053BM Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053BM TI1-CD4053BM Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BM TI-CD4053BM Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
More results

Similar Description - CD4053BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com