Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTP-2S-200B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # JTP-2S-200B
Description  QUADRAPHASE MODULATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

JTP-2S-200B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  JTP-2S-200B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Meri-Pac
™ S-Package
JTP-2S Series
QUADRAPHASE MODULATORS
10 to 1000 MHz / Integrated TTL Drivers / Low Conversion Loss / Hi-Rel Hermetic Package
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /201-575-1300 /FAX 201-575-0531
PRINCIPAL SPECIFICATIONS
Center
RF
Amplitude
Phase Balance
Insertion
Model
Frequency, fo.,
Input
Balance,
@:
Loss,
VSWR
Number
MHz
Bandwidth
dB, Max.
fo
Band Limits
dB, Max.
Max.
JTP-2S-***B
10 to 200
10% of fo
0.5
±2° max.
±4° max.
6
1.5:1
JTP-2S-***B
200 to 1000
10% of fo
1.0
±3° max.
±5° max.
9
1.5:1
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
RF Input Level:
0 dBm nom.
Modulation Sequence
TTL Data Ports 1,2:
0,0 : ref. 0°
1,0 : +270°
1,1 : +180°
0,1 : +90°
Data Bandwidth:
DC to 5 MHz nom.
(Wider Bandwidths in
larger package)
DC Power:
+5 V @ 25 mA nom.
Weight, nominal:
0.35 oz (10 g)
Operating Temp:
-- 55° to + 85°C
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Lead dimensions apply only at body.
4. All unmarked pins are case ground.
General Notes:
1. Units in the JTP-2S series of Quadraphase Modulators are composed of two biphase modulators with TTL
drivers, a 90° quadrature hybrid and an in-phase power combiner.
2. These devices are generally used in systems to generate QPSK coded signals. The units accept two differential
data inputs each of which independently biphase modulates an RF carrier. These are then combined to produce
a quadraphase output of 0, 90, 180 and 270 degrees.
3. Units in the JTP-2S series are available with center frequencies from 10 to 1000 MHz and having a minimum
bandwidth equal to 10% of the center frequency.
4. Merrimac Quadraphase Modulators comply with the relevant sections of MIL-M-28837 and may be supplied
screened for compliance with additional specifications for military applications requiring the highest reliability.
29Apr96


Similar Part No. - JTP-2S-200B

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JTP53HC JAUCH-JTP53HC Datasheet
471Kb / 2P
   Oscillator JTP53HC(V) · (VC)TCXO
20032023
JTP75HC JAUCH-JTP75HC Datasheet
504Kb / 2P
   Oscillator JTP75HC(V) · (VC)TCXO
20032023
More results

Similar Description - JTP-2S-200B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
JPM-2A-5B MERRIMAC-JPM-2A-5B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
JPF-21E-10B MERRIMAC-JPF-21E-10B Datasheet
107Kb / 2P
   QUADRAPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
JPP-21S-1200B MERRIMAC-JPP-21S-1200B Datasheet
165Kb / 2P
   QUADRAPHASE MODULATOR
JTF-2F-10B MERRIMAC-JTF-2F-10B Datasheet
85Kb / 1P
   QUADRAPHASE MODULATOR
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com