Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R858H8E Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # R858H8E
Description  2" x 4" Range Switch 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

R858H8E Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  R858H8E Datasheet HTML 1Page - Frequency Devices, Inc. R858H8E Datasheet HTML 2Page - Frequency Devices, Inc. R858H8E Datasheet HTML 3Page - Frequency Devices, Inc. R858H8E Datasheet HTML 4Page - Frequency Devices, Inc. R858H8E Datasheet HTML 5Page - Frequency Devices, Inc. R858H8E Datasheet HTML 6Page - Frequency Devices, Inc. R858H8E Datasheet HTML 7Page - Frequency Devices, Inc. R858H8E Datasheet HTML 8Page - Frequency Devices, Inc. R858H8E Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1.0 Hz to 102.4 kHz
8-Bit Programmable
R858 Series
2" x 4" Range Switch
8-Pole Filters
Description
The R858 Series are digitally programmable, 8-pole
low-pass and high-pass active filters that contain a
low and a high programmable frequency range, with
each range tunable over a 256:1 ratio. R858 filters
are available with any two of five standard factory-
set tuning ranges or 8-bit custom ranges from 1.0
Hz to 102.4 kHz. These units contain 8 CMOS logic
inputs that can be operated in a transparent or
latching mode and 1 logic input for range selection.
All R858 Series models are convenient, easy to
use, fully finished filters which require no external
components or adjustments. They feature low
harmonic distortion, and precision phase and ampli-
tude characteristics. R858 filters operate from non-
critical ±12 to ±18 Vdc power supplies, have a 10
k
W (min.) input impedance, a 10 W (max.) output im-
pedance.
Features/Benefits:
• Low harmonic distortion and wide signal-to-noise
ratio to 16 bit resolution.
• Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each
application.
• Plug-in
ready-to-use,
reducing
engineering
design and manufacturing cycle time.
• Factory-set tuning range, no external clocks or
adjustments needed.
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
Applications
Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Programmable Specifications: . . . . . . . . . . . . . Page
Digital Tuning & Control. . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . . . . .
R858L8B
8-pole Butterworth . . . . . . . . . . . . . . . 3
R858L8E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . 3
R858L8EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . 3
R858L8EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . 3
R858L8L
8-pole Bessel . . . . . . . . . . . . . . . . . . . 4
R858L8D60 8-pole constant delay (-60dB). . . . . . . 4
R858L8D80 8-pole constant delay (-80dB). . . . . . . 4
R858L8D10 8-pole constant delay (-100dB) . . . . . . 4
Available High-Pass Models: . . . . . . . . . . . . . . . . . .
R858H8B
8-pole Butterworth . . . . . . . . . . . . . . . . 5
R858H8E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . 5
R858H8EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . 5
R858H8EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . 5
General Specifications:
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . 6
Pin-out/package data . . . . . . . . . . . . . . . . . . . . . . . . 6


Similar Part No. - R858H8E

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
R858 FREQUENCYDEVICES-R858 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com