Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE2955 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MJE2955
Description  POWER TRANSISTORS(10A,60V,75W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJE2955 Datasheet(HTML) 1 Page - Mospec Semiconductor

  MJE2955 Datasheet HTML 1Page - Mospec Semiconductor MJE2955 Datasheet HTML 2Page - Mospec Semiconductor MJE2955 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - MJE2955

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJE2955 FAIRCHILD-MJE2955 Datasheet
37Kb / 4P
   General Purpose and Switching Applications
logo
Jiangsu Changjiang Elec...
MJE2955 JIANGSU-MJE2955 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MJE2955 MCC-MJE2955 Datasheet
252Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
logo
Nanjing International G...
MJE2955 DGNJDZ-MJE2955 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Comchip Technology
MJE2955-G COMCHIP-MJE2955-G Datasheet
459Kb / 3P
   General Purpose Transistor
More results

Similar Description - MJE2955

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE2801T MOSPEC-MJE2801T Datasheet
119Kb / 2P
   POWER TRANSISTORS(10A,60V,75W)
logo
Nell Semiconductor Co.,...
MJE3055A NELLSEMI-MJE3055A Datasheet
195Kb / 3P
   Complementary Silicon power transistors (10A / 60V / 75W)
logo
Mospec Semiconductor
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
   POWER TRANSISTORS(8A, 75W)
2N4231A MOSPEC-2N4231A Datasheet
189Kb / 4P
   POWER TRANSISTORS(5A,75W)
logo
KODENSHI_AUK CORP.
SDB1060PH-1 KODENSHI-SDB1060PH-1 Datasheet
260Kb / 5P
   60V, 10A POWER SCHOTTKY RECTIFIER
logo
Mospec Semiconductor
MJE13004 MOSPEC-MJE13004 Datasheet
180Kb / 4P
   POWER TRANSISTORS(4A,300-400V,75W)
BU326 MOSPEC-BU326 Datasheet
123Kb / 3P
   POWER TRANSISTORS(6A,375-400V,75W)
logo
KODENSHI_AUK CORP.
SDB1060PH KODENSHI-SDB1060PH Datasheet
260Kb / 5P
   60V, 10A POWER SCHOTTKY RECTIFIER
logo
Rohm
RD3L01BAT ROHM-RD3L01BAT Datasheet
2Mb / 14P
   Pch -60V -10A Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com