Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R858L8D80-5 Datasheet(PDF) 8 Page - Frequency Devices, Inc.

Part # R858L8D80-5
Description  2" x 4" Range Switch 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

R858L8D80-5 Datasheet(HTML) 8 Page - Frequency Devices, Inc.

Back Button R858L8D80-5 Datasheet HTML 4Page - Frequency Devices, Inc. R858L8D80-5 Datasheet HTML 5Page - Frequency Devices, Inc. R858L8D80-5 Datasheet HTML 6Page - Frequency Devices, Inc. R858L8D80-5 Datasheet HTML 7Page - Frequency Devices, Inc. R858L8D80-5 Datasheet HTML 8Page - Frequency Devices, Inc. R858L8D80-5 Datasheet HTML 9Page - Frequency Devices, Inc. R858L8D80-5 Datasheet HTML 10Page - Frequency Devices, Inc. R858L8D80-5 Datasheet HTML 11Page - Frequency Devices, Inc. R858L8D80-5 Datasheet HTML 12Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8-Pole
Bessel
Appendix A
Low-Pass
4
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com
Normalized Time (1/f sec)
Step Response
0
1
2
3
4
5
-0.2
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
Normalized Time (1/f sec)
Delay
(Normalized)
0.1
1.0
2
3
4
5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
(sec)
Theoretical Transfer Characteristics
1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
-79.2
-89.8
-99.0
-107
-114
-33.4
-38.3
-43.1
-51.8
-66.8
-12.1
-13.7
-18.1
-23.1
-28.3
-6.10
-7.08
-8.16
-9.36
-10.7
-2.71
-3.01
-3.67
-4.40
-5.20
-1.06
-1.45
-1.91
-2.16
-2.42
0.00
-0.029
-0.117
-0.264
-0.470
-0.737
-610
-626
-638
-647
-655
-489
-509
-526
-552
-587
-345
-362
-402
-436
-465
-255
-273
-291
-309
-327
-173
-182
-200
-219
-237
-109
-128
-146
-155
-164
0.00
-18.2
-36.4
-54.7
-72.9
-91.1
.052
.038
.029
.023
.018
.241
.201
.170
.126
.077
.482
.468
.417
.352
.291
.505
.504
.502
.498
.492
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506


Similar Part No. - R858L8D80-5

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
R858 FREQUENCYDEVICES-R858 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com