Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D828H8D60-6 Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # D828H8D60-6
Description  2" x 2" Differential Input 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D828H8D60-6 Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  D828H8D60-6 Datasheet HTML 1Page - Frequency Devices, Inc. D828H8D60-6 Datasheet HTML 2Page - Frequency Devices, Inc. D828H8D60-6 Datasheet HTML 3Page - Frequency Devices, Inc. D828H8D60-6 Datasheet HTML 4Page - Frequency Devices, Inc. D828H8D60-6 Datasheet HTML 5Page - Frequency Devices, Inc. D828H8D60-6 Datasheet HTML 6Page - Frequency Devices, Inc. D828H8D60-6 Datasheet HTML 7Page - Frequency Devices, Inc. D828H8D60-6 Datasheet HTML 8Page - Frequency Devices, Inc. D828H8D60-6 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
D828 Series
8-Pole
High-Pass Filters
Model
D828H8B
D828H8E
D828H8EX
D828H8EY
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Butterworth
Elliptic
Elliptic
Elliptic
Size
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
Range fc, fr
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 29
Page 37
Page 36
Page 38
Passband Ripple
0.0 dB
± 0.035 dB
- 0.05 dB
- 0.05 dB
(theoretical)
Voltage Gain
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
(non-inverting)
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
Power Bandwidth
120 kHz
120 kHz
120 kHz
120 kHz
Small Signal
(-6 dB) 1 MHz
(-6 dB) 1 MHz
(-6 dB) 1 MHz
(-6 dB) 1 MHz
Bandwidth
Stopband
Attenuation Rate
48 dB/octave
80 dB
80 dB
100 dB
Cutoff Frequency
fc
± 2% max.
fr
± 2% max.
fr
± 2% max.
fr
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
-3 dB
-0.035 dB
-0.05dB
-0.05 dB
Phase
-360°
-323.5°
-414°
-419°
Filter Attenuation
80 dB
0.31 fc
80 dB
0.56 fr
80 dB
0.64 fr
100 dB
0.50 fr
(theoretical)
60.0 dB
0.42 fc
60.0 dB
0.60 fr
60.0 dB
0.69 fr
80.0 dB
0.55 fr
3.01 dB
1.00 fc
3.01 dB
0.88 fr
3.01 dB
0.95 fr
3.01 dB
0.94 fr
0.00 dB
2.00 fc
0.03 dB
1.00 fr
0.03 dB
1.00 fr
0.03 dB
1.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
Phase Match1
fc - 100 kHz ± 3° max.
fr - 1.25 fr
± 4° max.
fr - 1.25 fr
± 4° max.
fr - 1.25 fr
± 4° max.
± 1.5° typ.
± 2° typ.
± 2° typ.
± 2° typ.
1.25 fr-100 kHz ± 2° max.
1.25fr -100 kHz ± 2° max.
1.25 fr-100 kHz ± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
Amplitude Accuracy
fc-1.25 fc
± 0.3 dB max.
fr-1.25 fr
± 0.3 dB max.
fr -1.25 fr
± 0.5 dB max. fr -1.25 fr
± 0.5 dB max.
(theoretical)
± 0.15 dB typ.
± 0.15 dB typ.
± 0.25 dB typ.
± 0.25 dB typ.
1.25 fc-100kHz± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
Total Harmonic
< - 100 dB typ.
< - 88 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
400
µVrms typ.
400
µVrms typ.
500
µVrms typ.
500
µVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
100
µVrms typ.
100
µVrms typ.
150
µVrms typ.
150
µVrms typ.
(5 Hz - 100 kHz)
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
5


Similar Part No. - D828H8D60-6

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D8284N INTEL-D8284N Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284N-1 INTEL-D8284N-1 Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284N-1B INTEL-D8284N-1B Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284NB INTEL-D8284NB Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com