Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D828H8EX-4 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # D828H8EX-4
Description  2" x 2" Differential Input 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D828H8EX-4 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  D828H8EX-4 Datasheet HTML 1Page - Frequency Devices, Inc. D828H8EX-4 Datasheet HTML 2Page - Frequency Devices, Inc. D828H8EX-4 Datasheet HTML 3Page - Frequency Devices, Inc. D828H8EX-4 Datasheet HTML 4Page - Frequency Devices, Inc. D828H8EX-4 Datasheet HTML 5Page - Frequency Devices, Inc. D828H8EX-4 Datasheet HTML 6Page - Frequency Devices, Inc. D828H8EX-4 Datasheet HTML 7Page - Frequency Devices, Inc. D828H8EX-4 Datasheet HTML 8Page - Frequency Devices, Inc. D828H8EX-4 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
D828 Series
8-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
3
Model
D828L8B
D828L8E
D828L8EX
D828L8EY
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Butterworth
Elliptic
Elliptic
Elliptic
Size
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
Range fc, fr
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 9
Page 24
Page 23
Page 25
Passband Ripple
0.0 dB
± 0.035 dB
- 0.05 dB
- 0.05 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
80 dB min.
80 dB min.
100 dB min.
Cutoff Frequency
fc
± 2% max.
fr
± 2% max.
fr
± 2% max.
fr
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
-3 dB
-0.035 dB
-0.05dB
-0.05 dB
Phase
-360°
-323.5°
-414°
-419°
Filter Attenuation
0.12 dB
0.80 fc
0.035 dB
1.00 fr
0.05 dB
1.00 fr
0.05 dB
1.00 fr
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.13 fr
3.01 dB
1.05 fr
3.01 dB
1.06 fr
60.0 dB
2.37 fc
60.0 dB
1.67 fr
60.0 dB
1.45 fr
80.0 dB
1.83 fr
80.0 dB
3.16 fc
80.0 dB
1.77 fr
80.0 dB
1.56 fr
100.0 dB
2.00 fr
Phase Match1
0 - 0.8 fc
± 2° max.
0 - 0.8 fr
± 2° max.
0 - 0.8 fr
± 3° max.
0 - 0.8 fr
± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
± 1.5° typ.
0.8 fc - 1.0 fc ± 3° max.
0.8 fr - 1.0 fr ± 4° max.
0.8 fr - 1.0 fr ± 4° max.
0.8 fr - 1.0 fr
± 4° max.
± 1.5° typ.
± 2° typ.
± 2° typ.
± 2° typ.
Amplitude Accuracy
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fr
± .2 dB max.
0 - 0.8 fr
± 0.2 dB max.
0 - 0.8 fr
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± .1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fr - 1.0 fr ± .3 dB max.
0.8 fr - 1.0 fr ± 0.5 dB max.
0.8 fr - 1.0 fr
± 0.5 dB max.
± 0.15 dB typ.
± .15 dB typ.
± 0.25 dB typ.
± 0.25 dB typ.
Total Harmonic
< - 100 dB typ.
< - 88 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
200
µVrms typ.
200
µVrms typ.
250
µVrms typ.
250
µVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
µVrms typ.
50
µVrms typ.
75
µVrms typ.
75
µVrms typ.
(5 Hz - 100 kHz)


Similar Part No. - D828H8EX-4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D8284N INTEL-D8284N Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284N-1 INTEL-D8284N-1 Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284N-1B INTEL-D8284N-1B Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284NB INTEL-D8284NB Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com