Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D824H8Y5 Datasheet(PDF) 8 Page - Frequency Devices, Inc.

Part # D824H8Y5
Description  2" x 2" Differential Input 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D824H8Y5 Datasheet(HTML) 8 Page - Frequency Devices, Inc.

Back Button D824H8Y5 Datasheet HTML 4Page - Frequency Devices, Inc. D824H8Y5 Datasheet HTML 5Page - Frequency Devices, Inc. D824H8Y5 Datasheet HTML 6Page - Frequency Devices, Inc. D824H8Y5 Datasheet HTML 7Page - Frequency Devices, Inc. D824H8Y5 Datasheet HTML 8Page - Frequency Devices, Inc. D824H8Y5 Datasheet HTML 9Page - Frequency Devices, Inc. D824H8Y5 Datasheet HTML 10Page - Frequency Devices, Inc. D824H8Y5 Datasheet HTML 11Page - Frequency Devices, Inc. D824H8Y5 Datasheet HTML 12Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Low-Pass
4-Pole
Appendix A
Butterworth
7
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
(sec)
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Theoretical Transfer Characteristics
1
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
2
3
4
5 6 7 8 9
0.0
1.0
2.0
1.5
0.15
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
-62.3
-67.6
-72.2
-76.3
-80.0
-38.2
-41.0
-43.5
-48.2
-55.9
-22.3
-24.1
-28.2
-31.8
-35.1
-12.0
-14.3
-16.4
-18.5
-20.5
-2.21
-3.01
-4.97
-7.24
-9.62
-0.072
-0.243
-0.674
-1.047
-1.555
0.00
0.00
0.00
-0.00
-0.003
-0.017
0.00
-15.0
-30.1
-45.5
-61.4
-78.0
-95.7
-115
-136
-147
-158
-169
-180
-200
-217
-231
-242
-252
-260
-266
-272
-277
-282
-291
-299
-304
-309
-313
-317
-322
-330
-335
-339
-341
-343
-345
.012
.009
.007
.005
.004
.049
.041
.035
.027
.017
.134
.119
.091
.072
.059
.289
.241
.204
.175
.152
.612
.588
.513
.427
.350
.511
.558
.604
.619
.622
.416
.418
.423
.433
.449
.474
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
Normalized Frequency(f/fc)


Similar Part No. - D824H8Y5

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D824H8Y5 FREQUENCYDEVICES-D824H8Y5 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
D824H8Y5-2 FREQUENCYDEVICES-D824H8Y5-2 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
D824H8Y5-3 FREQUENCYDEVICES-D824H8Y5-3 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
D824H8Y5-4 FREQUENCYDEVICES-D824H8Y5-4 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
D824H8Y5-5 FREQUENCYDEVICES-D824H8Y5-5 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com