Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R858H8L-3 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # R858H8L-3
Description  2" x 4" Range Switch 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

R858H8L-3 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  R858H8L-3 Datasheet HTML 1Page - Frequency Devices, Inc. R858H8L-3 Datasheet HTML 2Page - Frequency Devices, Inc. R858H8L-3 Datasheet HTML 3Page - Frequency Devices, Inc. R858H8L-3 Datasheet HTML 4Page - Frequency Devices, Inc. R858H8L-3 Datasheet HTML 5Page - Frequency Devices, Inc. R858H8L-3 Datasheet HTML 6Page - Frequency Devices, Inc. R858H8L-3 Datasheet HTML 7Page - Frequency Devices, Inc. R858H8L-3 Datasheet HTML 8Page - Frequency Devices, Inc. R858H8L-3 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
R858 Series
8-Pole
Low-Pass Filters
4
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
R858L8L
R858L8D60
R858L8D80
R858L8D10
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Bessel
Constant Delay
Constant Delay
Constant Delay
Size
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
Range fc
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 4
Page 20
Page 21
Page 22
Passband Ripple
0.0 dB
0.15 dB
0.15 dB
0.15 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
60 dB min.
80 dB min.
100 dB min.
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
- 3 dB
- 3 dB
- 3 dB
- 3 dB
Phase
-182°
-306°
-306°
-311°
Filter Attenuation
1.91 dB
0.80 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
3.01 dB
1.00 fc
40.0 dB
2.28 fc
60.0 dB
3.08 fc
80.0 dB
4.45 fc
60.0 dB
4.52 fc
60.0 dB
2.64 fc
80.0 dB
3.57 fc
100.0 dB
5.20 fc
80.0 dB
6.07 fc
Phase Match1
0 - fc
± 2° max.
0 - fc
± 2° max.
0 - fc
± 2° max.
0 - fc
± 2° max.
± 1° typ.
± 1° typ.
± 1° typ.
± 1° typ.
Amplitude Accuracy
0 - fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
± 0.15 dB typ.
± 0.15 dB typ.
± 0.15 dB typ.
Total Harmonic
< - 100 dB typ.
< - 100 dB typ.
< - 100 dB typ.
< - 100 dB typ.
Distortion @ 1 kHz
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
(5 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-03A
FMA-03A
FMA-03A
FMA-03A
Range Switch
8-Bit Programmable


Similar Part No. - R858H8L-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
R858 FREQUENCYDEVICES-R858 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com