Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4049UBDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD4049UBDR
Description  CMOS HEX BUFFERS/CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049UBDR Datasheet(HTML) 4 Page - Texas Instruments

  CD4049UBDR Datasheet HTML 1Page - Texas Instruments CD4049UBDR Datasheet HTML 2Page - Texas Instruments CD4049UBDR Datasheet HTML 3Page - Texas Instruments CD4049UBDR Datasheet HTML 4Page - Texas Instruments CD4049UBDR Datasheet HTML 5Page - Texas Instruments CD4049UBDR Datasheet HTML 6Page - Texas Instruments CD4049UBDR Datasheet HTML 7Page - Texas Instruments CD4049UBDR Datasheet HTML 8Page - Texas Instruments CD4049UBDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Input High Voltage, VIH Min
CD4049UB
0.5
-
5
44444
-
-
V
1
-
10
88888
-
-
V
1.5
-
15
12.5
12.5
12.5
12.5
12.5
-
-
V
Input High Voltage, VIH Min
CD4050B
4.5
-
5
3.5
3.5
3.5
3.5
3.5
-
-
V
9
-
10
77777
-
-
V
13.5
-
15
11
11
11
11
11
-
-
V
Input Current, IIN Max
-
0,18
18
±0.1
±0.1
±1
±1-
±10-5
±0.1
µA
DC Electrical Specifications
(Continued)
PARAMETER
TEST CONDITIONS
LIMITS AT INDICATED TEMPERATURE (oC)
UNITS
-55
-40
85
125
25
VO
(V)
VIN
(V)
VCC (V)
MIN
TYP
MAX
AC Electrical Specifications
TA = 25
oC, Input t
r, tf = 20ns, CL = 50pF, RL = 200kΩ
PARAMETER
TEST CONDITIONS
LIMITS (ALL PACKAGES)
UNITS
VIN
VCC
TYP
MAX
Propagation Delay Time
Low to High, tPLH
CD4049UB
5
5
60
120
ns
10
10
32
65
ns
10
5
45
90
ns
15
15
25
50
ns
15
5
45
90
ns
Propagation Delay Time
Low to High, tPLH
CD4050B
5
5
70
140
ns
10
10
40
80
ns
10
5
45
90
ns
15
15
30
60
ns
15
5
40
80
ns
Propagation Delay Time
High to Low, tPHL
CD4049UB
5
5
32
65
ns
10
10
20
40
ns
10
5
15
30
ns
15
15
15
30
ns
15
5
10
20
ns
Propagation Delay Time
High to Low, tPHL
CD4050B
5
5
55
110
ns
10
10
22
55
ns
10
5
50
100
ns
15
15
15
30
ns
15
5
50
100
ns
Transition Time, Low to High, tTLH
5
5
80
160
ns
10
10
40
80
ns
15
15
30
60
ns
Transition Time, High to Low, tTHL
5
5
30
60
ns
10
10
20
40
ns
15
15
15
30
ns
CD4049UB, CD4050B


Similar Part No. - CD4049UBDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4049UBDR TI1-CD4049UBDR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS to DTL/TTL Hex Converter
CD4049UBDR TI1-CD4049UBDR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4049UBDR TI-CD4049UBDR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UBDR TI1-CD4049UBDR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4049UBDRE4 TI-CD4049UBDRE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
More results

Similar Description - CD4049UBDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4009UBPWRE4 TI-CD4009UBPWRE4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UB TI-CD4009UB Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96G4 TI-CD4010BM96G4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UB TI1-CD4009UB_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
logo
Intersil Corporation
CD4009UBMS INTERSIL-CD4009UBMS Datasheet
74Kb / 8P
   CMOS Hex Buffers/Converter
November 1994
logo
Motorola, Inc
MC74HC4049D MOTOROLA-MC74HC4049D Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com