Electronic Components Datasheet Search |
|
CD4066BE Datasheet(PDF) 2 Page - Texas Instruments |
|
|
CD4066BE Datasheet(HTML) 2 Page - Texas Instruments |
2 / 20 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D – NOVEMBER 1998 – REVISED SEPTEMBER 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING –55 C to 125 C CDIP – F Tube of 25 CD4066BF3A CD4066BF3A –55 C to 125 C PDIP – E Tube of 25 CD4066BE CD4066BE –55 C to 125 C SOIC – M Tube of 50 CD4066BM CD4066BM –55 °C to 125°C SOIC – M Reel of 2500 CD4066BM96 CD4066BM –55 °C to 125°C Reel of 250 CD4066BMT SOP – NS Reel of 2000 CD4066BNSR CD4066B TSSOP – PW Tube of 90 CD4066BPW CM066B TSSOP – PW Reel of 2000 CD4066BPWR CM066B † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. † All control inputs are protected by the CMOS protection network. NOTES: A. All p substrates are connected to VDD. B. Normal operation control-line biasing: switch on (logic 1), VC = VDD; switch off (logic 0), VC = VSS C. Signal-level range: VSS ≤ Vis ≤ VDD Control VC† VDD VSS VSS n n p Out Vos Control Switch In 92CS-29113 n p Vis Figure 1. Schematic Diagram of One-of-Four Identical Switches and Associated Control Circuitry |
Similar Part No. - CD4066BE |
|
Similar Description - CD4066BE |