Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D824H8L-3 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D824H8L-3
Description  2" x 2" Differential Input 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D824H8L-3 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D824H8L-3 Datasheet HTML 1Page - Frequency Devices, Inc. D824H8L-3 Datasheet HTML 2Page - Frequency Devices, Inc. D824H8L-3 Datasheet HTML 3Page - Frequency Devices, Inc. D824H8L-3 Datasheet HTML 4Page - Frequency Devices, Inc. D824H8L-3 Datasheet HTML 5Page - Frequency Devices, Inc. D824H8L-3 Datasheet HTML 6Page - Frequency Devices, Inc. D824H8L-3 Datasheet HTML 7Page - Frequency Devices, Inc. D824H8L-3 Datasheet HTML 8Page - Frequency Devices, Inc. D824H8L-3 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1.0 Hz to 102.4 kHz
8-Bit Programmable
D824 Series
2" x 2"
Differential Input
4-Pole Filters
Description
The D824 Series are digitally programmable low
pass and high pass active filters with differential
input that are tunable over a 256:1 frequency range.
D824 filters are available with any one of five
standard factory-set tuning ranges up to 102.4 kHz.
These units contain 8 CMOS logic inputs .
All D824 Series models are convenient, low profile,
easy to use fully finished filters which require no ex-
ternal components or adjustments. They feature low
harmonic distortion, and near theoretical phase and
amplitude characteristics. D824 filters operate from
non-critical ± 12 to ± 18 Vdc power supplies, have a
10 k
W (min.) input impedance, a 10 W (max.) output.
Features/Benefits:
• Compact 2" x 2" design minimizes board space
requirements.
• Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each appli-
cation.
• Plug-in ready-to-use, reducing engineering de-
sign and manufacturing cycle time.
• Factory-set tuning range, no external clocks or
adjustments needed.
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Programmable Specifications. . . . . . . . . . . . . . Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . . . . .
D824L8B
4-pole Butterworth . . . . . . . . . . . . . . . . . 3
D824L8L
4-pole Bessel . . . . . . . . . . . . . . . . . . . . . 3
D824L8Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . . . 3
D824L8Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . . . 3
Available High-Pass Models: . . . . . . . . . . . . . . . . . .
D824H8B
4-pole Butterworth . . . . . . . . . . . . . . . . . 4
D824H8Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . . . 4
D824H8Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . . . 4
General Specifications:
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . 5
Pin-out/package data. . . . . . . . . . . . . . . . . . . . . . . . . 5


Similar Part No. - D824H8L-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D824H8L-3 FREQUENCYDEVICES-D824H8L-3 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com