Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D828L8D60-2 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # D828L8D60-2
Description  2" x 2" Differential Input 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D828L8D60-2 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  D828L8D60-2 Datasheet HTML 1Page - Frequency Devices, Inc. D828L8D60-2 Datasheet HTML 2Page - Frequency Devices, Inc. D828L8D60-2 Datasheet HTML 3Page - Frequency Devices, Inc. D828L8D60-2 Datasheet HTML 4Page - Frequency Devices, Inc. D828L8D60-2 Datasheet HTML 5Page - Frequency Devices, Inc. D828L8D60-2 Datasheet HTML 6Page - Frequency Devices, Inc. D828L8D60-2 Datasheet HTML 7Page - Frequency Devices, Inc. D828L8D60-2 Datasheet HTML 8Page - Frequency Devices, Inc. D828L8D60-2 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
D828 Series
8-Pole
Low-Pass Filters
4
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
D828L8L
D828L8D60
D828L8D80
D828L8D10
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Bessel
Constant Delay
Constant Delay
Constant Delay
Size
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
Range fc
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 4
Page 20
Page 21
Page 22
Passband Ripple
0.0 dB
0.15 dB
0.15 dB
0.15 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
60 dB min.
80 dB min.
100 dB min.
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
-3 dB
-3 dB
-3 dB
-3 dB
Phase
-182°
-306°
-306°
-311°
Filter Attenuation
1.91 dB
0.80 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
3.01 dB
1.00 fc
40.0 dB
2.28 fc
60.0 dB
3.08 fc
80.0 dB
4.45 fc
60.0 dB
4.52 fc
60.0 dB
2.64 fc
80.0 dB
3.57 fc
100.0 dB
5.20 fc
80.0 dB
6.07 fc
Phase Match1
0 - fc
± 2° max.
0 - fc
± 2° max.
0 - fc
± 2° max.
0 - fc
± 2° max.
± 1° typ.
± 1° typ.
± 1° typ.
± 1° typ.
Amplitude Accuracy
0 - fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
± 0.15 dB typ.
± 0.15 dB typ.
± 0.15 dB typ.
Total Harmonic
< - 100 dB typ.
< - 100 dB typ.
< - 100 dB typ.
< - 100 dB typ.
Distortion @ 1 kHz
Wide Band Noise
200
µVrms typ.
200
µVrms typ.
200
µVrms typ.
200
µVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
µVrms typ.
50
µVrms typ.
50
µVrms typ.
50
µVrms typ.
(5 Hz - 100 kHz)
8-Bit Programmable


Similar Part No. - D828L8D60-2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D8284N INTEL-D8284N Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284N-1 INTEL-D8284N-1 Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284N-1B INTEL-D8284N-1B Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284NB INTEL-D8284NB Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com