Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D100L Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # D100L
Description  4- and 8- Pole Low-Pass Filters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D100L Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  D100L Datasheet HTML 1Page - Frequency Devices, Inc. D100L Datasheet HTML 2Page - Frequency Devices, Inc. D100L Datasheet HTML 3Page - Frequency Devices, Inc. D100L Datasheet HTML 4Page - Frequency Devices, Inc. D100L Datasheet HTML 5Page - Frequency Devices, Inc. D100L Datasheet HTML 6Page - Frequency Devices, Inc. D100L Datasheet HTML 7Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
8-Pole
Bessel
Appendix A
Low-Pass
4
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com
Normalized Time (1/f sec)
Step Response
0
1
2
3
4
5
-0.2
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
Normalized Time (1/f sec)
Delay (Normalized)
0.1
1.0
2
3
4
5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
(sec)
Theoretical Transfer Characteristics
1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
-79.2
-89.8
-99.0
-107
-114
-33.4
-38.3
-43.1
-51.8
-66.8
-12.1
-13.7
-18.1
-23.1
-28.3
-6.10
-7.08
-8.16
-9.36
-10.7
-2.71
-3.01
-3.67
-4.40
-5.20
-1.06
-1.45
-1.91
-2.16
-2.42
0.00
-0.029
-0.117
-0.264
-0.470
-0.737
-610
-626
-638
-647
-655
-489
-509
-526
-552
-587
-345
-362
-402
-436
-465
-255
-273
-291
-309
-327
-173
-182
-200
-219
-237
-109
-128
-146
-155
-164
0.00
-18.2
-36.4
-54.7
-72.9
-91.1
.052
.038
.029
.023
.018
.241
.201
.170
.126
.077
.482
.468
.417
.352
.291
.505
.504
.502
.498
.492
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506


Similar Part No. - D100L

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Continental Device Indi...
D100 CDIL-D100 Datasheet
88Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Ohmite Mfg. Co.
D100 OHMITE-D100 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
Tyco Electronics
D100-3X MACOM-D100-3X Datasheet
58Kb / 1P
   WILMAR??Protective Relays-D100X Series, Close Differential
D100-4X MACOM-D100-4X Datasheet
58Kb / 1P
   WILMAR??Protective Relays-D100X Series, Close Differential
More results

Similar Description - D100L

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D98 FREQUENCYDEVICES-D98 Datasheet
202Kb / 5P
   8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D94 FREQUENCYDEVICES-D94 Datasheet
201Kb / 5P
   4 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D70L8B FREQUENCYDEVICES-D70L8B Datasheet
672Kb / 14P
   DIP Filters 8-, 6-, 4-Pole Filters
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
   Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
   LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
   LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
   LOW PASS FILTERS
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
   LOW PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com