Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE181 Datasheet(PDF) 4 Page - Mospec Semiconductor

Part # MJE181
Description  POWER TRANSISTORS(3.0A,40-80V,12.5W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJE181 Datasheet(HTML) 4 Page - Mospec Semiconductor

  MJE181 Datasheet HTML 1Page - Mospec Semiconductor MJE181 Datasheet HTML 2Page - Mospec Semiconductor MJE181 Datasheet HTML 3Page - Mospec Semiconductor MJE181 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A


Similar Part No. - MJE181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE181 MOTOROLA-MJE181 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJE181 ONSEMI-MJE181 Datasheet
172Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 2
logo
Fairchild Semiconductor
MJE181 FAIRCHILD-MJE181 Datasheet
48Kb / 4P
   Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
ON Semiconductor
MJE181 ONSEMI-MJE181 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Savantic, Inc.
MJE181 SAVANTIC-MJE181 Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJE181

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTM01C12 ETA-USA-VTM01C12 Datasheet
5Mb / 3P
   12.5W Isolated Power Supply
logo
Rohm
RSQ030N08HZG ROHM-RSQ030N08HZG Datasheet
2Mb / 15P
   Nch 80V 3.0A Small Signal MOSFET
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
   Midium Power Transistors (-80V / -0.7A)
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
   Midium Power Transistors (80V / 1.5A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
   Midium Power Transistors (-80V / -2.5A)
logo
Mospec Semiconductor
2SB507 MOSPEC-2SB507 Datasheet
112Kb / 3P
   POWER TRANSISTORS(3.0A,60V,30W)
2SB596 MOSPEC-2SB596 Datasheet
119Kb / 3P
   POWER TRANSISTORS(4.0A,80V,30W)
logo
Rohm
2SCR554P5 ROHM-2SCR554P5 Datasheet
1Mb / 9P
   Middle Power Transistors (80V / 1.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com