Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JPM-2A-5B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # JPM-2A-5B
Description  QUADRAPHASE MODULATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

JPM-2A-5B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  JPM-2A-5B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
JPM-2A & 4A Series
QUADRAPHASE MODULATORS
5 to 1000 MHz / 10% and Octave Bandwidths / High Data Bandwidth / Low Conversion Loss /
SMA
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /201-575-1300 /FAX 201-575-0531
PRINCIPAL SPECIFICATIONS
Model
Center
Bandwidth
Number
Frequency, fo
RF Input
JPM-2A-***B
5 - 1000 MHz
10% of fo
JPM-4A-***B
5 - 300 MHz
67% of fo
For complete model number replace *** with desired LO center freq, fo in MHz.
GENERAL SPECIFICATIONS
Amplitude Balance:
0.5 dB typ.,
1.0 dB max.
Phase Balance:
±2° typ., ±5° max.
Insertion Loss:
6 dB nom.
9 dB max.
RF Impedance:
50
Ω nom.
VSWR:
1.5:1 max.
RF Input Level:
0 dBm nom.
Data Modulation
Bandwidth:
DC to
50 MHz nom.
Modulation Sequence
Data Ports 1,2: 0,0: ref. 0°
1,0: -- 270°
1,1:-- 180°
0,1: -- 90°
Data Signals Levels
Logic 1:
+15 mA nom.
Logic 0:
-- 15 mA nom.
Weight, nominal:
2 oz (57 g)
Operating Temp:
-- 55° to +85°C
RF Output and Data Bandwidths are typically much greater than specified.
General Notes:
1. Units in the JPM-A series of Quadraphase Modulators are
composed of two biphase modulators, a 90° quadrature hybrid and an
in-phase power combiner.
2. These devices are generally used in systems to generate QPSK
coded signals. The units accept two differential data inputs each of
which independently biphase modulates an RF carrier. These are then
combined to produce a quadraphase output of 0, 90, 180 and 270
degrees. All units in this series may be ordered with optional integrated
TTL drivers.
3. Merrimac Quadraphase Modulators comply with the relevant
sections of MIL-M-28837 and may be supplied screened for
compliance with additional specifications for military and space
applications requiring the highest reliability.
NOTES:
1. Tolerance on 3 place decimals
±.020(.51)
except as noted.
2. Dimensions in inches over millimeters.
14Feb96


Similar Part No. - JPM-2A-5B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JPM160 ETC1-JPM160 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
JPM160PS03 ETC1-JPM160PS03 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
JPM160PS05 ETC1-JPM160PS05 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
JPM160PS07 ETC1-JPM160PS07 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
JPM160PS12 ETC1-JPM160PS12 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
More results

Similar Description - JPM-2A-5B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
JPF-21E-10B MERRIMAC-JPF-21E-10B Datasheet
107Kb / 2P
   QUADRAPHASE MODULATORS
JTP-2S-10B MERRIMAC-JTP-2S-10B Datasheet
82Kb / 1P
   QUADRAPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
JPP-21S-1200B MERRIMAC-JPP-21S-1200B Datasheet
165Kb / 2P
   QUADRAPHASE MODULATOR
JTF-2F-10B MERRIMAC-JTF-2F-10B Datasheet
85Kb / 1P
   QUADRAPHASE MODULATOR
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com