Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D70H6L Datasheet(PDF) 7 Page - Frequency Devices, Inc.

Part # D70H6L
Description  DIP Filters 8-, 6-, 4-Pole Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70H6L Datasheet(HTML) 7 Page - Frequency Devices, Inc.

Back Button D70H6L Datasheet HTML 3Page - Frequency Devices, Inc. D70H6L Datasheet HTML 4Page - Frequency Devices, Inc. D70H6L Datasheet HTML 5Page - Frequency Devices, Inc. D70H6L Datasheet HTML 6Page - Frequency Devices, Inc. D70H6L Datasheet HTML 7Page - Frequency Devices, Inc. D70H6L Datasheet HTML 8Page - Frequency Devices, Inc. D70H6L Datasheet HTML 9Page - Frequency Devices, Inc. D70H6L Datasheet HTML 10Page - Frequency Devices, Inc. D70H6L Datasheet HTML 11Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Low-Pass
6-Pole
Appendix A
Bessel
3
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2 3 4 5678
2 3 4 567
-100
-80
-60
-40
-20
0
0.1
1.0
2
3
4 5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
0
1
2
3
4
5
-0.0
-0.2
0.2
0.4
0.6
0.8
1.0
1.2
(sec)
Theoretical Transfer Characteristics
1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
-65.2
-73.2
-80.1
-86.2
-91.6
-30.7
-34.5
-38.1
-44.7
-55.9
-12.6
-14.2
-18.3
-22.6
-26.7
-6.23
-7.29
-8.46
-9.74
-11.1
-465
-476
-484
-490
-495
-385
-398
-408
-426
-449
-287
-300
-328
-351
-369
-216
-232
-246
-261
-275
.036
.026
.020
.015
.013
.156
.131
.111
.083
.052
.357
.335
.279
.228
187
.422
.416
.401
.393
.376
-2.70
-3.01
-3.68
-4.44
-5.29
-1.05
-1.44
-1.89
-2.15
-2.42
0.00
-0.029
-0.116
-0.261
-0.465
-0.728
-147
-155
-170
-186
-201
-92.9
-108
-124
-132
-139
0.00
-15.5
-31.0
-46.5
-62.0
-77.4
.430
.430
.429
.428
.426
.430
.430
.430
.430
.430
.430
.430
.430
.430
.430
.430


Similar Part No. - D70H6L

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D70H6L-2.50KHZ FREQUENCYDEVICES-D70H6L-2.50KHZ Datasheet
677Kb / 14P
   100 Hz to 50 kHz Fixed Frequency
D70H6L-33.3KHZ FREQUENCYDEVICES-D70H6L-33.3KHZ Datasheet
677Kb / 14P
   100 Hz to 50 kHz Fixed Frequency
D70H6L-849HZ FREQUENCYDEVICES-D70H6L-849HZ Datasheet
677Kb / 14P
   100 Hz to 50 kHz Fixed Frequency
More results

Similar Description - D70H6L

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
List of Unclassifed Man...
DP76 ETC1-DP76 Datasheet
650Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D76L6B FREQUENCYDEVICES-D76L6B Datasheet
877Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
DP68 ETC1-DP68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
   32 Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com