Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI32FF-S32D-100X Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # CPCI32FF-S32D-100X
Description  32 Channel Filter Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

CPCI32FF-S32D-100X Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  CPCI32FF-S32D-100X Datasheet HTML 1Page - Frequency Devices, Inc. CPCI32FF-S32D-100X Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model CPCI32FF
6U - Compact PCI
32 Channel Filter Board
Description
Frequency Devices Model CPCI32FF is a single
width B-sized (6U) form factor Compact PCI
filter/gain board offering 32 channels of fixed
frequency analog filters. Each CPCI32FF board
can be configured with up to 32 single ended or
differential input signals and a corresponding
number of single ended or differential outputs.
Customer can select one of the factory set gain
options of 1X, 10X, 100X or 1000X for each
CPCI32FF. Boards may be populated either with
2-pole D72 or 4-pole D74 high-pass and low-pass
fixed frequency filters from 1 Hz to 100 kHz,
allowing the user to externally cascade filter pairs
into as many as 16 band-pass channels. Each
channel provides low harmonic distortion and
wide signal-to-noise ratio to 12-bit resolution.
Features/Benefits:
• Simultaneous access to 32 channels offers a
low cost, versatile and convenient way to
provide amplification and filtering.
• Inter-channel crosstalk <-80 dB provides
precision performance solutions to design
engineers, system integrators and OEMs.
• 2- and 4-pole Butterworth or Bessel transfer
functions with a broad range of corner
frequencies are offered to meet a wide range
of applications.
• High channel count density without sacrificing
performance maximizes chassis utilization.
• Both Inputs and outputs may be configured
either
single
ended
or
differential
for
maximum flexibility.
• Jumper selectable commons for best system
configuration: Analog floating, front panel or
backplane ground.
Signal conditioning applications include:
• Industrial process control
• Engine and test simulation
• Acoustic vibration analysis & control
• Satellite and telecommunications
• Automatic test equipment (ATE)
• Aerospace, navigation & sonar
• Automotive test cells
Available Low-Pass Models:
2-pole
D72, DP72
4-pole
D74, DP74
Available High-Pass Models:
2-pole
D72
4-pole
D74
1
25 Locust St., Haverhill, Massachusetts 01830
• Tel:800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com


Similar Part No. - CPCI32FF-S32D-100X

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CPCI325D-1 MURATA-CPCI325D-1 Datasheet
144Kb / 4P
   325 Watt, 3U x 8HP CompactPCI
logo
Murata Power Solutions ...
CPCI325D-101C MURATA-PS-CPCI325D-101C Datasheet
152Kb / 4P
   325 Watt, 3U x 8HP CompactPCI?
CPCI325D-10XC MURATA-PS-CPCI325D-10XC Datasheet
152Kb / 4P
   325 Watt, 3U x 8HP CompactPCI?
logo
Murata Manufacturing Co...
CPCI325D-1C MURATA-CPCI325D-1C Datasheet
144Kb / 4P
   325 Watt, 3U x 8HP CompactPCI
More results

Similar Description - CPCI32FF-S32D-100X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F031K6 ETC2-NUCLEO-F031K6 Datasheet
179Kb / 4P
   STM32 Nucleo-32 board
logo
STMicroelectronics
NUCLEO-XXXXKX STMICROELECTRONICS-NUCLEO-XXXXKX Datasheet
197Kb / 4P
   STM32 Nucleo-32 board
logo
KR Electronics, Inc.
3254-32-LP-SMA KR-3254-32-LP-SMA Datasheet
82Kb / 3P
   32 MHz Lowpass Filter
logo
Grayhill, Inc
70GRCP32-HL GRAYHILL-70GRCP32-HL Datasheet
693Kb / 2P
   RACKS 32 Channel Parallel Controller Board for 72-PMX-32D
logo
Semikron International
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
L6100131 SEMIKRON-L6100131 Datasheet
256Kb / 7P
   Board 1 SKYPER 32 R
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
   EVALUATION BOARD 4S SKYPER 32
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com