Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

428H4E-3 Datasheet(PDF) 11 Page - Frequency Devices, Inc.

Part # 428H4E-3
Description  32-Pin DIP 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

428H4E-3 Datasheet(HTML) 11 Page - Frequency Devices, Inc.

Back Button 428H4E-3 Datasheet HTML 7Page - Frequency Devices, Inc. 428H4E-3 Datasheet HTML 8Page - Frequency Devices, Inc. 428H4E-3 Datasheet HTML 9Page - Frequency Devices, Inc. 428H4E-3 Datasheet HTML 10Page - Frequency Devices, Inc. 428H4E-3 Datasheet HTML 11Page - Frequency Devices, Inc. 428H4E-3 Datasheet HTML 12Page - Frequency Devices, Inc. 428H4E-3 Datasheet HTML 13Page - Frequency Devices, Inc. 428H4E-3 Datasheet HTML 14Page - Frequency Devices, Inc. 428H4E-3 Datasheet HTML 15Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
8-Pole, 6-Zero
Constant Delay
Appendix A
Low-Pass (100 dB)
22
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
Frequency Response
Delay
(Normalized)
Step Response
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
-0.2
0.1
1.0
2
3
4 5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
.007
.005
.004
.003
.003
.025
.022
.017
.013
.011
.054
.043
.036
.030
.028
.186
.151
.125
.090
.068
.650
.504
.389
.306
.235
.861
.857
.851
.828
.785
.865
.865
.865
.864
.863
.865
.865
.865
.865
.865
0.00
-31.1
-62.3
-93.4
-125
-156
-187
-218
-249
-265
-280
-296
-311
-341
-370
-422
-464
-496
-520
-544
-563
-578
-591
-610
-624
-635
-643
-651
-476
-478
-481
-486
-312
-318
-322
-328
-333
-336
-339
-341
-105
-106
-107
-108
-109
-106
-110
-122
-109
-106
-81.3
-93.4
-142
-105
-105
-40.5
-46.1
-51.4
-61.5
-71.2
-11.2
-16.8
-22.5
-28.0
-34.5
-1.89
-2.41
-3.01
-4.50
-6.38
0.010
-0.182
-0.532
-1.09
-1.45
0.00
0.015
0.051
0.085
0.085
12.0
14.0
16.0
18.0
20.0
6.50
7.00
8.00
9.00
10.0
4.50
5.00
5.50
6.00
6.20
2.50
2.75
3.00
3.50
4.00
1.40
1.60
1.80
2.00
2.25
0.90
0.95
1.00
1.10
1.20
0.50
0.60
0.70
0.80
0.85
0.00
0.10
0.20
0.30
0.40
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
0.1
1.0
10.0
2 3 4 5 678
2 3 4 5 67
-120
-100
-80
-60
-40
-20
0


Similar Part No. - 428H4E-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
428H4E ETC1-428H4E Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4EX ETC1-428H4EX Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4EY ETC1-428H4EY Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
More results

Similar Description - 428H4E-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP68 ETC1-DP68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
   32 Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D78L8B FREQUENCYDEVICES-D78L8B Datasheet
368Kb / 6P
   32 Pin DIP 8-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com