Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

424L4Y5-4 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # 424L4Y5-4
Description  32-Pin DIP 4-Pole Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

424L4Y5-4 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  424L4Y5-4 Datasheet HTML 1Page - Frequency Devices, Inc. 424L4Y5-4 Datasheet HTML 2Page - Frequency Devices, Inc. 424L4Y5-4 Datasheet HTML 3Page - Frequency Devices, Inc. 424L4Y5-4 Datasheet HTML 4Page - Frequency Devices, Inc. 424L4Y5-4 Datasheet HTML 5Page - Frequency Devices, Inc. 424L4Y5-4 Datasheet HTML 6Page - Frequency Devices, Inc. 424L4Y5-4 Datasheet HTML 7Page - Frequency Devices, Inc. 424L4Y5-4 Datasheet HTML 8Page - Frequency Devices, Inc. 424L4Y5-4 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4-Bit Programmable Filters
424 Series
Digital Tuning &
Control Characteristics
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Digital Tuning Characteristics
The digital tuning interface circuits are a parallel set of CMOS
switches which accept CMOS compatible inputs for the four
tuning bits (D 0 - D 3).
Binary Tuning Range
Pin-Out Key
IN
Analog Input Signal
D3
Tuning Bit 3 (MSB)
OUT Analog Output Signal
D2
Tuning Bit 2
GND Power and Signal Return D1
Tuning Bit 1
+Vs Supply Voltage, Positive D0
Tuning Bit 0 (LSB)
-Vs Supply Voltage, Negative +5V Logic Power
Os
Offset Adjustment
Data Input Specifications
Input Data Levels
(+5Vdc CMOS Logic)
Input Voltage (Vs=15 Vdc)
Low Level In
0 Vdc min.
0.5 Vdc max.
High Level In
3.5 Vdc min.
5.0 Vdc max.
Input Current
High Level In
-0.4mAtyp.
-2.0mAmax.
Low Level In
+0.4mAtyp.
+2.0mAmax.
Input Capacitance
20 pF typ.
30 pF max.
Input Data Format
Frequency Select Bits
Positive Logic
Logic “1” = (+5Vdc)
Logic “0” = Gnd
Bit Weight
(Binary-Coded)
D0
LSB (least significant bit)
D3
MSB (most significant bit)
Frequency Range16:1 Binary Weighted
MSB
---
---
LSB
Bit
Weight
23
22
21
20
fc - corner
D3
D2
D1
D0
frequency
00
0
0
fmax/16
00
0
1
f
max /8
00
1
1
fmax/4
01
1
1
fmax/2
11
1
1
max
Binary T uning Equation:
fc = (f max/16) [1+ D 3 x 2 3 + D2 x 2 2 + D1 x 2 1 + D0 x 2 0]
where D 1 - D 3 = “0” or “1”, and
fmax = Maximum tuning frequency
fc = Corner frequency;
Minimum tunable frequency = f max/16 (D 0 thru D3 = 0);
Minimum frequency step (Resolution) = f
max /16
Discrete Frequencies
FD 0
D1
D2
D3
F B
00
0
0
F 1
10
0
0
F 2
11
0
0
F 3
11
1
0
F 4
11
1
1
Discrete Tuning Equation:
fc = FB + D0[f0] + D1[f1] + D2[f2] + D3[f3]
f0, f1, f2, f3 are the incremental frequency shifts for the data
bits D0, D1, D2 and D3. They are selected to realize the five
customer specified programming frequencies FB -> F4. Other
programming codes produce valid fc’s between FB and F4.
2
Bottom View
0.80"
0.70"
0.10"
0.00"
-Vs
IN
D0
D1
D3
Os
OUT
D2
+5V
GND
+Vs
f


Similar Part No. - 424L4Y5-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
424L4Y5 ETC1-424L4Y5 Datasheet
419Kb / 12P
   32-Pin DIP 4-Pole Filters
More results

Similar Description - 424L4Y5-4

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
logo
List of Unclassifed Man...
DP64 ETC1-DP64 Datasheet
590Kb / 11P
   32-Pin DIP 4 - Pole Filters
424L4B ETC1-424L4B Datasheet
419Kb / 12P
   32-Pin DIP 4-Pole Filters
logo
Frequency Devices, Inc.
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
   32 Pin DIP 6-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com