Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

818L8E-3 Datasheet(PDF) 7 Page - Frequency Devices, Inc.

Part # 818L8E-3
Description  2" x 4" 8-Pole Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

818L8E-3 Datasheet(HTML) 7 Page - Frequency Devices, Inc.

Back Button 818L8E-3 Datasheet HTML 3Page - Frequency Devices, Inc. 818L8E-3 Datasheet HTML 4Page - Frequency Devices, Inc. 818L8E-3 Datasheet HTML 5Page - Frequency Devices, Inc. 818L8E-3 Datasheet HTML 6Page - Frequency Devices, Inc. 818L8E-3 Datasheet HTML 7Page - Frequency Devices, Inc. 818L8E-3 Datasheet HTML 8Page - Frequency Devices, Inc. 818L8E-3 Datasheet HTML 9Page - Frequency Devices, Inc. 818L8E-3 Datasheet HTML 10Page - Frequency Devices, Inc. 818L8E-3 Datasheet HTML 11Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Specification
(25°C and Vs ± 15 Vdc)
818 Series
Pin-Out and Package Data
Ordering Information
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-00818-01
DC Offset Adjustment
± Vs
- Vs
20 k
(Cermet)
Do not connect
if trim is not
required.
OS
Analog Input Characteristics1
Impedance
5 k
min.
Voltage Range
± 10 Vpeak
Max. Safe Voltage
±Vs
Analog Output Characteristics
Impedance (Closed Loop)
11
typ.
10
max.
Linear Operating Range
±10V
Maximum Current2
±5 mA
Offset Voltage3
22 mV typ.
10 mV max.
Offset Temp. Coeff.
50
µV/°C
Power Supply (
±Vs)
Rated Voltage
±15 Vdc
Operating Range
±12 to ±18 Vdc
Maximum Safe Voltage
±18 Vdc
Quiescent Current
100 mA typ.
120 mA max.
Temperature
Operating
-20 to +70°C
Storage
-25 to +85°C
Notes:
1. Input and output signal voltage referenced to supply common.
2. Output is short circuit protected to common.
DO NOT CONNECT TO ±Vs.
3. Adjustable to zero.
4. Units operate with or without offset pin connected.
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Side View
+Vs
OUT
-Vs
D
D
D
D
GND
D
D
D
D
C
P
IN
2.00
0.4
4.00
Bottom View
0.2 min
0.04 Dia.
Os /NC
4
5
3
2
1
0
6
7
4
Filter Mounting Assembly-See FMA-04A
7
Pin-Out & Package Data
All dimensions are in inches
All Case Dimensions ± 0.02"
Grid Dimensions 0.1" x 0.1"
818L8E-5
Transfer Function
B - Butterworth
L - Bessel
E - elliptic
D80 - constant delay
Filter Type
L - Low Pass
H - High Pass
Ordering Information
Model
Tuning
Minimum
Number
Range (kHz)
Step (kHz)
1
1kHz to 256kHz
1kHz
2
2kHz to 512kHz
2kHz
3
3kHz to 768kHz
3kHz
4
4kHz to 1,024kHz
4kHz
5
5kHz to 1,280kHz
5kHz


Similar Part No. - 818L8E-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818L8E ETC1-818L8E Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com