Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6314 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6314
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6314 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6314 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6314 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6314 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N6312 2N6313 2N6314
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6312
-40
2N6313
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6314
IC=-0.1A ;IB=0
-80
V
VCEsat-1
Collector-emitter saturation voltage
IC=-1.5A; IB=-0.15A
-0.7
V
VCEsat-2
Collector-emitter saturation voltage
IC=-3A; IB=-0.3A
-2.0
V
VCEsat-3
Collector-emitter saturation voltage
IC=-5A; IB=-1.25A
-4.0
V
VBE
Base-emitter on voltage
IC=-1.5A ; VCE=-2V
-1.4
V
2N6312
VCE=-30V; IB=0
2N6313
VCE=-50V; IB=0
ICEO
Collector cut-off current
2N6314
VCE=-70V; IB=0
-1.0
mA
2N6312
VCB=-40V; IE=0
2N6313
VCB=-60V; IE=0
ICBO
Collector cut-off current
2N6314
VCB=-80V; IE=0
-50
μA
ICEX
Collector cut-off current
VCE=Rated VCE; VBE(off)=1.5V
TC=125℃
-0.1
-1.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-0.5
mA
hFE-1
DC current gain
IC=-0.5A ; VCE=-2V
40
hFE-2
DC current gain
IC=-1.5A ; VCE=-2V
25
100
hFE-3
DC current gain
IC=-3A ; VCE=-2V
10
hFE-4
DC current gain
IC=-5A ; VCE=-4V
4
COB
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
300
pF
fT
Transition frequency
IC=-0.5A;VCE=-10V;f=1.0MHz
4
MHz


Similar Part No. - 2N6314

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6314 MOSPEC-2N6314 Datasheet
189Kb / 4P
   POWER TRANSISTORS(5A,75W)
logo
Boca Semiconductor Corp...
2N6314 BOCA-2N6314 Datasheet
196Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Central Semiconductor C...
2N6314 CENTRAL-2N6314 Datasheet
51Kb / 1P
   Power Transistors
logo
Savantic, Inc.
2N6314 SAVANTIC-2N6314 Datasheet
116Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
2N6314 SEME-LAB-2N6314 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
More results

Similar Description - 2N6314

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com